Electronic Components Datasheet Search
  English  ▼

X  

STCC05-BD4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCC05-BD4
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-BD4 Datasheet(HTML) 3 Page - STMicroelectronics

  STCC05-BD4 Datasheet HTML 1Page - STMicroelectronics STCC05-BD4 Datasheet HTML 2Page - STMicroelectronics STCC05-BD4 Datasheet HTML 3Page - STMicroelectronics STCC05-BD4 Datasheet HTML 4Page - STMicroelectronics STCC05-BD4 Datasheet HTML 5Page - STMicroelectronics STCC05-BD4 Datasheet HTML 6Page - STMicroelectronics STCC05-BD4 Datasheet HTML 7Page - STMicroelectronics STCC05-BD4 Datasheet HTML 8Page - STMicroelectronics STCC05-BD4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STCC05-B
3/13
■ The reset circuit
This circuit ensures a Low Voltage Detection (LVD) of the output of the regulator. Most micro-controllers
have an active RESET pin in the low state: so, the /RST pin will be active at low state.
The reset comparator senses the regulator voltage VDD. The /RST pin goes high when VDD is higher than
the high threshold VH = 3.75V and after a delay time TUP; and is low when the VDD decreases below the
low threshold VL = 3.4V after the delay time TDW.
These delays are set by an external capacitor CUP connected to the /RST pin and depend on the trigger
thresholds of /RST: For CUP = 100nF, TUP= 400µs with VTH= VH/2; TDW= 200µs with VTH= VL/2.
■ The Zero Voltage Synchronization ZVS circuit
The Zero Voltage Synchronization ZVS circuit generates the signal ZVS that synchronizes the whole oper-
ation with the AC line cycle (20 ms on 50 Hz or 16.7 ms on 60 Hz). This signal allows the MCU to control
the AC loads and achieve the timing functions.
The input pin SYN is an image of the mains voltage. It is connected to either the power supply transformer
through a resistor RZV or an opto-coupler that is controlled directly by the AC line voltage. The circuit is
protected against fast line transient voltages: a robust ESD protection and a 30µs digital filter are imple-
mented to provide a higher immunity to the MCU operation. Its output signal ZVS is inverted respect to the
input signal VSYN.
■ The relay coil drivers
These robust circuits allow a DC relay coil to be driven by an MCU output. The relay coil has a minimum
resistance of 580
Ω and has a power up to 0.25W for VPS = 12 V. These characteristics are representative
of 3A relays such as FTR-F3AA-12V or JQ1A-12V series.
The output stage is made of a transistor and a demagnetization diode. The transistor is referred to the
ground COM, has a DC current rating of 50mA; and its collector is connected to the output RLI (I=1, 2, 3).
The diode is connected between the output pin RLI and the supply pin VPS.
Moreover, a fourth coil driver has an extended 150mA current capability to be able to drive the coil of a
relay having a 130
Ω minimum resistance and a 1.1W maximum power. These characteristics are repre-
sentative of 20A relays such as G4A-E-DC12, OMIF-S-112 or UKH12S series.
SYN
ZVS
V
DD
S
1
S
2
Q
30 µs FILTER
COM
70 k
Ω
25 k
Ω
30 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com