Electronic Components Datasheet Search
  English  ▼

X  

MCP47DA1 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 62Page - Microchip Technology MCP47DA1 Datasheet HTML 63Page - Microchip Technology MCP47DA1 Datasheet HTML 64Page - Microchip Technology MCP47DA1 Datasheet HTML 65Page - Microchip Technology MCP47DA1 Datasheet HTML 66Page - Microchip Technology MCP47DA1 Datasheet HTML 67Page - Microchip Technology MCP47DA1 Datasheet HTML 68Page - Microchip Technology MCP47DA1 Datasheet HTML 69Page - Microchip Technology MCP47DA1 Datasheet HTML 70Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 67
MCP47A1
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP47A1T:
6-bit Single DAC with I2C interface
(Tape and Reel)
I2C Slave Address
A0 = 5Ch
A1 = 7Ch
Temperature
Range:
E
= -40°C to +125°C
Package:
LT = Plastic Small Outline Transistor
(SC70), 6-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP47A1T-A0E/LT:
6-bit DAC,
SC70-6,
Address = 5Ch,
Tape and Reel
b)
MCP47A1T-A1E/LT:
6-bit DAC,
SC70-6,
Address = 7Ch,
Tape and Reel
XXX
I2C Slave
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com