Electronic Components Datasheet Search
  English  ▼

X  

MCP47DA1 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 13Page - Microchip Technology MCP47DA1 Datasheet HTML 14Page - Microchip Technology MCP47DA1 Datasheet HTML 15Page - Microchip Technology MCP47DA1 Datasheet HTML 16Page - Microchip Technology MCP47DA1 Datasheet HTML 17Page - Microchip Technology MCP47DA1 Datasheet HTML 18Page - Microchip Technology MCP47DA1 Datasheet HTML 19Page - Microchip Technology MCP47DA1 Datasheet HTML 20Page - Microchip Technology MCP47DA1 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 17
MCP47A1
Note: Unless otherwise indicated, T
A = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-25:
VIH / VIL Threshold of
SDA/SCL Inputs vs. Temperature and VDD.
FIGURE 2-26:
VOL (SDA) vs. VDD and
Temperature.
FIGURE 2-27:
Interface Active Current
(IDD) vs. SCL Frequency (fSCL) and Temperature
VDD = 1.8V, 2.7V and 5.5V,
VREF = 1.0V and VDD. (no load on VOUT).
FIGURE 2-28:
Interface Inactive Current
(STATIC) vs. Temperature and VDD.
VDD = 1.8V, 2.7V and 5.5V, VREF = 1.0V and
VDD. (no load on VOUT, SCL = SDA = VDD).
0.4
0.6
0.8
1.0
VIL 5.5V
VIL 2.7V
VIL 1.8V
VIH 5.5V
VIH 2.7V
VIH 1.8V
0.0
0.2
-40
-20
0
20406080
100 120
Temperature (°C)
Typical Device
0.2
0.3
0.4
0.5
VOL 5.5V
VOL 2.7V
VOL 1.8V
0.0
0.1
-40
-20
0
20406080
100 120
Temperature (°C)
Typical Device
100
120
140
160
180
200
220
400kHz 5.5V
400kHz 3.3V
400kHz 2.7V
400kHz 1.8V
100kHz 5.5V
100kHz 3.3V
100kHz 2.7V
100kHz 1.8V
40
60
80
-40
-20
0
20406080
100 120
Temperature (C)
Typical Device
100
120
140
160
180
200
220
Static 5.5V
Static 3.3V
Static 2.7V
Static 1.8V
40
60
80
-40
-20
0
20406080
100 120
Temperature (C)
Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com