Electronic Components Datasheet Search
  English  ▼

X  

MCP47DA1 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 1 Page - Microchip Technology

  MCP47DA1 Datasheet HTML 1Page - Microchip Technology MCP47DA1 Datasheet HTML 2Page - Microchip Technology MCP47DA1 Datasheet HTML 3Page - Microchip Technology MCP47DA1 Datasheet HTML 4Page - Microchip Technology MCP47DA1 Datasheet HTML 5Page - Microchip Technology MCP47DA1 Datasheet HTML 6Page - Microchip Technology MCP47DA1 Datasheet HTML 7Page - Microchip Technology MCP47DA1 Datasheet HTML 8Page - Microchip Technology MCP47DA1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 1
MCP47A1
Features:
•6-Bit DAC
- 65 Taps: 64 Resistors with Taps to Full-Scale
and Zero-Scale (Wiper Code 00h to 40h)
•VREF Pull-down Resistance: 20 k (typical)
•VOUT Voltage Range
-VSS to VREF
•I2C
™ Protocol
- Supports SMBus 2.0 Write Byte/Word
Protocol Formats
- Supports SMBus 2.0 Read Byte/Word
Protocol Formats
- Slave Addresses: 5Ch and 7Ch
• Brown-out Reset Protection (1.5V typical)
• Power-on Default Wiper Setting (Mid-scale)
• Low-Power Operation: 90 µA StaticCurrent (typical)
• Wide Operating Voltage Range:
- 1.8V to 5.5V
• Low Tempco: 15 ppm (typical)
• 100 kHz (typical) Bandwidth (-3 dB) Operation
• Extended Temperature Range (-40°C to +125°C)
• Small Packages, SC70-6
• Lead Free (Pb-free) Package
Applications
• Set point or offset trimming
• Cost-sensitive mechanical trim pot replacement
Package Types
Device Block Diagram
Description
The MCP47A1 devices are volatile, 6-Bit digital
potentiometers with a buffered output. The wiper
setting is controlled through an I2C serial interface. The
I2C slave addresses of “010 1110” and “011 1110”
are supported.
MCP47A1
SC70-6
4
1
2
3
6 VREF
SDA
VDD
VSS
SCL
5 VOUT
A
W
B
V
DD
V
SS
SCL
VOUT
B
SDA
VREF
2-Wire
Interface
and
Control
Logic
Power-up
and
Brown-out
Control
A
6-Bit Volatile DAC with Command Code


Similar Part No. - MCP47DA1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP47DA1 MICROCHIP-MCP47DA1 Datasheet
2Mb / 76P
6-Bit Windowed Volatile DAC with Command Code
2012-2013
More results

Similar Description - MCP47DA1

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8736 WOLFSON-WM8736 Datasheet
138Kb / 17P
24-bit, 96kHz 6-Channel DAC with Volume Control
logo
National Semiconductor ...
DAC0630 NSC-DAC0630 Datasheet
576Kb / 15P
Triple 6-Bit Video DAC with Color Palette
logo
UMC Corporation
UM70C171 UMC-UM70C171 Datasheet
626Kb / 15P
Color Palette With Triple 6-Bit DAC
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
logo
Microchip Technology
MCP40D17 MICROCHIP-MCP40D17 Datasheet
2Mb / 66P
7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
2009
MCP47DA1 MICROCHIP-MCP47DA1 Datasheet
2Mb / 76P
6-Bit Windowed Volatile DAC with Command Code
2012-2013
MCP47A1T-A0E-LT MICROCHIP-MCP47A1T-A0E-LT Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
4-Phase PWM Controller with 8-Bit DAC Code
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com