Electronic Components Datasheet Search
  English  ▼

X  

136D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 136D
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136D Datasheet(HTML) 4 Page - Vishay Siliconix

  136D Datasheet HTML 1Page - Vishay Siliconix 136D Datasheet HTML 2Page - Vishay Siliconix 136D Datasheet HTML 3Page - Vishay Siliconix 136D Datasheet HTML 4Page - Vishay Siliconix 136D Datasheet HTML 5Page - Vishay Siliconix 136D Datasheet HTML 6Page - Vishay Siliconix 136D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
136D
www.vishay.com
Vishay
Revision: 05-Dec-14
4
Document Number: 40132
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60 VDC AT +85 °C; 40 VDC AT +125 °C
4
C
136D405X0060C2
4.65
550
1
2
-16
+5
+6
525
8.2
C
136D825X0060C2
3.24
275
1
2
-24
+8
+9
625
20
F
136D206X0060F2
2.32
105
1
5
-16
+8
+12
930
39
F
136D396X0060F2
1.70
90
1
9
-28
+10.5
+12
1110
50
T
136D506X0060T2
1.33
50
2
12
-16
+10.5
+12
1330
68
T
136D686X0060T2
1.27
50
2
16
-32
+10.5
+15
1365
140
K
136D147X0060K2
0.76
28
8
32
-40
+20
+20
1850
75 VDC AT +85 °C; 50 VDC AT +125 °C
3.5
C
136D355X0075C2
4.74
650
1
2
-16
+5
+6
525
6.8
C
136D685X0075C2
3.42
300
1
2
-20
+8
+9
610
15
F
136D156X0075F2
2.66
150
1
5
-16
+10.5
+9
890
33
F
136D336X0075F2
2.01
90
1
10
-24
+10.5
+15
1000
40
T
136D406X0075T2
1.50
60
2
12
-16
+10.5
+12
1250
56
T
136D566X0075T2
1.31
60
2
17
-28
+10.5
+15
1335
110
K
136D117X0075K2
0.73
29
9
36
-35
+20
+20
1850
100 VDC AT +85 °C; 65 VDC AT +125 °C
2.5
C
136D255X0100C2
5.31
950
1
4
-16
+8
+8
505
4.7
C
136D475X0100C2
4.24
500
1
2
-16
+7
+8
565
11
F
136D116X0100F2
3.02
200
1
4
-16
+7
+8
835
22
F
136D226X0100F2
2.26
100
1
9
-16
+7
+8
965
25
T
136D256X0100T2
1.60
93
2
13
-16
+7
+8
1200
30
T
136D306X0100T2
1.55
80
2
12
-16
+8
+8
1240
43
T
136D436X0100T2
1.31
70
2
17
-20
+8
+8
1335
56
K
136D566X0100K2
0.80
32
10
40
-25
+15
+15
1800
86
K
136D866X0100K2
0.77
30
9
36
-25
+15
+15
1800
125 VDC AT +85 °C; 85 VDC AT +125 °C
1.7
C
136D175X0125C2
7.81
1250
1
2
-16
+7
+8
415
3.6
C
136D365X0125C2
4.98
600
1
2
-16
+7
+8
520
9
F
136D905X0125F2
3.69
240
1
5
-16
+7
+8
755
14
F
136D146X0125F2
2.85
167
1
7
-16
+7
+8
860
18
T
136D186X0125T2
1.85
129
2
9
-16
+7
+8
1130
25
T
136D256X0125T2
1.59
93
2
13
-16
+7
+8
1200
56
K
136D566X0125K2
0.77
32
10
40
-25
+15
+15
1800
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL (μA)
AT
MAX. CAPACITANCE CHANGE
(%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Note
(1) Part numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer
polyester-film insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve,
change the last digit in the part number from “2” to “3”. For RoHS compliant add “E3”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com