Electronic Components Datasheet Search
  English  ▼

X  

136D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 136D
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136D Datasheet(HTML) 1 Page - Vishay Siliconix

  136D Datasheet HTML 1Page - Vishay Siliconix 136D Datasheet HTML 2Page - Vishay Siliconix 136D Datasheet HTML 3Page - Vishay Siliconix 136D Datasheet HTML 4Page - Vishay Siliconix 136D Datasheet HTML 5Page - Vishay Siliconix 136D Datasheet HTML 6Page - Vishay Siliconix 136D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
136D
www.vishay.com
Vishay
Revision: 05-Dec-14
1
Document Number: 40132
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
Hermetic Seal for -55 °C to +125 °C Operation, Low ESR
FEATURES
• Military specification MIL-PRF-39006/30 and
39006/31.
model
136D
capacitors
are
commercial
equivalents
of
military
style
CLR90 and CLR91
• Capacitors to meet the MIL-specs must be
ordered by M39006 part numbers shown in
the relative specification
• Axial through-hole terminations: standard tin /
lead (SnPb), 100 % tin (RoHS-compliant) available
• Standard and extended ratings
•Low ESR
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
Capacitance Tolerance: at 120 Hz, +25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL Max.): at +25 °C and above:
leakage current shall not exceed the values listed in the
Standard Ratings Tables.
Life Test: capacitors are capable of withstanding a 2000 h
life test at a temperature of +85 °C or +125 °C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at +85 °C rated voltage, shall not be in
excess of the original requirement.
2. The equivalent series resistance shall not exceed 150 %
of the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement.
Note
• Packaging: the use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not available due to the
unit weight.
Available
Available
Available
ORDERING INFORMATION
136D
306
X0
006
C
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT +85 °C
CASE CODE
STYLE NUMBER
RoHS-
COMPLIANT
This is expressed
in picofarads. The
first two digits
are the significant
figures. The third
is the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
See Ratings
and Case
Codes table
Std. temperature
(max. +125 °C)
0 = no insulating
sleeve
2 = polyester
insulation sleeve
3 = high temperature
film insulation
E3 = 100 % tin
termination
(RoHS-compliant
design)
Blank = SnPb
termination
(standard
design)


Similar Part No. - 136D

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
136 ABBATRON-136 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
136 ADAFRUIT-136 Datasheet
172Kb / 2P
Ladyadas Electronics Toolkit
8-1-17
logo
CEE Norm UK Ltd
136 CEENORM-136 Datasheet
1Mb / 4P
Socket Outlets
logo
TE Connectivity Ltd
136-020 TEC-136-020 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
136-020-0100 TEC-136-020-0100 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results

Similar Description - 136D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
15-Jan-01
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
134D VISHAY-134D Datasheet
95Kb / 3P
Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
735D VISHAY-735D_08 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
11-Jan-16
735D VISHAY-735D Datasheet
136Kb / 9P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
17-Oct-03
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com