Electronic Components Datasheet Search
  English  ▼

X  

136D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 136D
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136D Datasheet(HTML) 3 Page - Vishay Siliconix

  136D Datasheet HTML 1Page - Vishay Siliconix 136D Datasheet HTML 2Page - Vishay Siliconix 136D Datasheet HTML 3Page - Vishay Siliconix 136D Datasheet HTML 4Page - Vishay Siliconix 136D Datasheet HTML 5Page - Vishay Siliconix 136D Datasheet HTML 6Page - Vishay Siliconix 136D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
136D
www.vishay.com
Vishay
Revision: 05-Dec-14
3
Document Number: 40132
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT +85 °C; 10 VDC AT +125 °C
15
C
136D156X0015C2
1.99
155
1
2
-24
+10.5
+12
780
33
C
136D336X0015C2
1.66
90
1
2
-28
+14
+16
820
70
F
136D706X0015F2
1.11
75
1
4
-28
+14
+16
1150
120
F
136D127X0015F2
1.12
50
1
7
-28
+17.5
+20
1450
170
T
136D177X0015T2
0.78
35
2
10
-32
+14
+16
1480
270
T
136D277X0015T2
0.71
30
2
16
-56
+17.5
+20
1740
540
K
136D547X0015K2
0.47
23
6
24
-80
+25
+25
2330
25 VDC AT +85 °C; 15 VDC AT +125 °C
10
C
136D106X0025C2
2.66
220
1
2
-16
+8
+9
715
22
C
136D226X0025C2
1.99
140
1
2
-20
+10.5
+12
800
50
F
136D506X0025F2
1.46
70
1
2
-28
+13
+15
1130
100
F
136D107X0025F2
0.99
50
1
10
-28
+13
+15
1435
120
T
136D127X0025T2
1.16
38
2
6
-32
+13
+15
1450
180
T
136D187X0025T2
0.96
32
2
18
-48
+13
+15
1525
350
K
136D357X0025K2
0.67
24
7
28
-70
+25
+25
1970
30 VDC AT +85 °C; 20 VDC AT +125 °C
8
C
136D805X0030C2
3.32
275
1
2
-16
+8
+12
640
15
C
136D156X0030C2
2.21
175
1
2
-20
+10.5
+12
780
40
F
136D406X0030F2
1.66
65
1
5
-24
+10.5
+12
1120
68
F
136D686X0030F2
1.27
60
1
8
-24
+13
+15
1285
100
T
136D107X0030T2
1.13
40
2
12
-28
+10.5
+12
1450
150
T
136D157X0030T2
1.02
35
2
18
-48
+13
+15
1525
300
K
136D307X0030K2
0.69
25
8
32
-60
+25
+25
1950
35 VDC AT +85 °C; 22 VDC AT +125 °C
15
C
136D156X0035C2
3.10
175
0.75
1.5
-20
+10.5
+12
660
68
F
136D686X0035F2
1.45
60
1
2
-24
+13
+15
1195
270
K
136D277X0035K2
0.70
26
3
12
-58
+25
+25
1950
50 VDC AT +85 °C; 30 VDC AT +125 °C
5
C
136D505X0050C2
3.98
400
1
2
-16
+5
+6
580
10
C
136D106X0050C2
2.66
250
1
2
-24
+8
+9
715
25
F
136D256X0050F2
2.13
95
1
5
-20
+10.5
+12
1005
47
F
136D476X0050F2
1.56
70
1
9
-28
+13
+15
1155
60
T
136D606X0050T2
1.33
45
2
12
-16
+10.5
+12
1335
82
T
136D826X0050T2
1.22
45
2
16
-32
+13
+15
1400
160
K
136D167X0050K2
0.71
27
8
32
-50
+25
+25
1900
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL (μA)
AT
MAX. CAPACITANCE CHANGE
(%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Note
(1) Part numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer
polyester-film insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve,
change the last digit in the part number from “2” to “3”. For RoHS compliant add “E3”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com