Electronic Components Datasheet Search
  English  ▼

X  

HE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HE3
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  HE3 Datasheet HTML 1Page - Vishay Siliconix HE3 Datasheet HTML 2Page - Vishay Siliconix HE3 Datasheet HTML 3Page - Vishay Siliconix HE3 Datasheet HTML 4Page - Vishay Siliconix HE3 Datasheet HTML 5Page - Vishay Siliconix HE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HE3
www.vishay.com
Vishay
Revision: 23-Mar-2021
1
Document Number: 42089
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors, High Energy,
Ultra High Capacitance, -55 °C to +125 °C Operation
FEATURES
• High energy, very high capacitance design
• All tantalum, hermetically sealed case
• Utilizes Vishay proven SuperTan® technology
• Terminations: radial leaded
• Approved to DSCC drawing 10011
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Industrial
• Avionics / military / space
PERFORMANCE CHARACTERISTICS
Operating Temperature:
-55 °C to +85 °C (to +125 °C with voltage derating)
Capacitance Tolerance:
at 120 Hz, +25 °C ± 20 % standard
± 10 % available as special
Contact marketing for availability of 10 % tolerance
DC Leakage Current (DCL Max.):
at +25 °C: leakage current shall not exceed the values listed
in the Standard Ratings tables.
Life Test:
capacitors are capable of withstanding a 2000 h life test at
a temperature of +85 °C at the applicable rated DC working
voltage.
Note
(1) Contact marketing for availability of 10 % tolerance
Available
Available
ORDERING INFORMATION
HE3
C
543
K
025
B
Z
S
S
TYPE
CASE
CAPACITANCE
CAPACITANCE
DC VOLTAGE
TERMINATION
RELIABILITY
TEMPERATURE
ESR
CODE
TOLERANCE
RATING AT +85 °C
LEVEL
See
Ratings
and Case
Codes
table
This is
expressed in
microfarads.
The first two
digits are
the significant
figures. The
third is the
number of
zeros to follow.
K = 10 % (1)
M = 20 %
This is expressed
in V. To complete
the three-digit
block, zeros
precede the
voltage rating.
A decimal point
is indicated by
an “R”
(6R3 = 6.3 V)
A = 100 % tin
(RoHS-compliant)
B = tin / lead
Z = non-ER
S = standard
(-55 °C to
+85 °C)
S =
standard


Similar Part No. - HE3

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
HE300 HVPSI-HE300 Datasheet
57Kb / 2P
SECONDARY SURGE "LIGHTNING" ARRESTER
logo
SHANTOU HUASHAN ELECTRO...
HE3055 HUASHAN-HE3055 Datasheet
95Kb / 1P
NPN SILICON TRANSISTOR
logo
Amphenol PCD, Inc
HE3080BT17-6PSD6M AMPHENOLPCD-HE3080BT17-6PSD6M Datasheet
6Mb / 44P
Subminiature cylindrical connectors
HE3080BT17-6PSD7M AMPHENOLPCD-HE3080BT17-6PSD7M Datasheet
6Mb / 44P
Subminiature cylindrical connectors
HE3080BT17-6PSN6M AMPHENOLPCD-HE3080BT17-6PSN6M Datasheet
6Mb / 44P
Subminiature cylindrical connectors
More results

Similar Description - HE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
109D VISHAY-109D Datasheet
94Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
19-Jun-07
134D VISHAY-134D Datasheet
95Kb / 3P
Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
25-Aug-08
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
109D VISHAY-109D_17 Datasheet
126Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
28-Aug-17
HE5 VISHAY-HE5 Datasheet
108Kb / 5P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
EP1 VISHAY-EP1 Datasheet
280Kb / 8P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
EP1 VISHAY-EP1_V01 Datasheet
467Kb / 10P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
13-Sep-2022
HE5 VISHAY-HE5_V01 Datasheet
93Kb / 5P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com