Electronic Components Datasheet Search
  English  ▼

X  

HE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HE3
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  HE3 Datasheet HTML 1Page - Vishay Siliconix HE3 Datasheet HTML 2Page - Vishay Siliconix HE3 Datasheet HTML 3Page - Vishay Siliconix HE3 Datasheet HTML 4Page - Vishay Siliconix HE3 Datasheet HTML 5Page - Vishay Siliconix HE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HE3
www.vishay.com
Vishay
Revision: 23-Mar-2021
2
Document Number: 42089
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
CASE CODE
DHEIGHT
L2
(MIN.)
L1
(MIN.)
T
WEIGHT
(g)
(TYPICAL)
TYPE HE3
A
1.400 ± 0.005
[35.56 ± 0.127]
0.350 ± 0.015
[8.89 ± 0.381]
0.500
[12.70]
0.500
[12.70]
0.40 ± 0.015
[10.2 ± 0.38]
48.0
B
1.400 ± 0.005
[35.56 ± 0.127]
0.488 ± 0.015
[12.395 ± 0.381]
0.500
[12.70]
0.500
[12.70]
0.40 ± 0.015
[10.2 ± 0.38]
73.0
C
1.400 ± 0.005
[35.56 ± 0.127]
0.615 ± 0.015
[15.6 ± 0.4]
0.500
[12.70]
0.500
[12.70]
0.40 ± 0.015
[10.2 ± 0.38]
95.0
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. ESR
AT +25 °C, 1 kHz
(Ω)
MAX. DCL
AT +25 °C
(μA)
25 VDC AT +85 °C; 15 VDC AT +125 °C
18 000
A
HE3A183(1)025(2)(3)(4)(5)
0.050
150
24 000
A
HE3A243(1)025(2)(3)(4)(5)
0.060
150
36 000
B
HE3B363(1)025(2)(3)(4)(5)
0.045
200
48 000
B
HE3B483(1)025(2)(3)(4)(5)
0.045
200
54 000
C
HE3C543(1)025(2)(3)(4)(5)
0.035
300
72 000
C
HE3C723(1)025(2)(3)(4)(5)
0.035
350
50 VDC AT +85 °C; 30 VDC AT +125 °C
8000
A
HE3A802(1)050(2)(3)(4)(5)
0.075
170
14 500
B
HE3B143(1)050(2)(3)(4)(5)
0.045
270
16 000
B (2)
HE3B163(1)050(2)(3)(4)(5)
0.045
270
18 000
C (1)
HE3C183(1)050(2)(3)(4)(5)
0.035
400
24 000
C (2)
HE3C243(1)050(2)(3)(4)(5)
0.035
400
63 VDC AT +85 °C; 40 VDC AT +125 °C
4000
A
HE3A402(1)063(2)(3)(4)(5)
0.100
170
8000
B
HE3B802(1)063(2)(3)(4)(5)
0.055
270
11 500
C
HE3C113(1)063(2)(3)(4)(5)
0.035
400
12 000
C (2)
HE3C123(1)063(2)(3)(4)(5)
0.035
400
Notes
• Part number definitions:
(1) Standard capacitance tolerance is 20 % or “M”. Contact marketing for availability of 10 % or “K”
(2) Standard termination is “B” or tin / lead. RoHS-compliant or 100 % tin is available as “A“
(3) Standard reliability is “Z” or non-established reliability
(4) Standard temperature range is “S” or -55 °C to +125 °C
(5) Standard ESR is “S”
(1) Preliminary rating, specification subject to change. Contact marketing for availability
(2) Requires export license for shipments outside the US. Contact marketing for availability
D
Positive lead
L2
H
L1
T
0.0253 ± 0.002 [0.64 ± 0.05] dia.
(No. 22 AWG) tinned nickel leads
solderable and weldable
Negative lead
(attached to case)
0.156 MAX..



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com