Electronic Components Datasheet Search
  English  ▼

X  

HE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HE3
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  HE3 Datasheet HTML 1Page - Vishay Siliconix HE3 Datasheet HTML 2Page - Vishay Siliconix HE3 Datasheet HTML 3Page - Vishay Siliconix HE3 Datasheet HTML 4Page - Vishay Siliconix HE3 Datasheet HTML 5Page - Vishay Siliconix HE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HE3
www.vishay.com
Vishay
Revision: 23-Mar-2021
3
Document Number: 42089
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS OF HIGH ENERGY CAPACITORS
80 VDC AT +85 °C; 50 VDC AT +125 °C
3000
A
HE3A302(1)080(2)(3)(4)(5)
0.100
200
5600
B
HE3B562(1)080(2)(3)(4)(5)
0.065
350
6000
B (2)
HE3B602(1)080(2)(3)(4)(5)
0.065
350
7000
C (1)
HE3C702(1)080(2)(3)(4)(5)
0.040
500
9000
C (2)
HE3C902(1)080(2)(3)(4)(5)
0.040
500
100 VDC AT +85 °C; 65 VDC AT +125 °C
1900
A
HE3A192(1)100(2)(3)(4)(5)
0.085
200
3600
B
HE3B362(1)100(2)(3)(4)(5)
0.065
350
3800
B (2)
HE3B382(1)100(2)(3)(4)(5)
0.065
350
4500
C (1)
HE3C452(1)100(2)(3)(4)(5)
0.050
500
5700
C (2)
HE3C572(1)100(2)(3)(4)(5)
0.050
500
125 VDC AT +85 °C; 85 VDC AT +125 °C
1100
A
HE3A112(1)125(2)(3)(4)(5)
0.100
200
2200
B
HE3B222(1)125(2)(3)(4)(5)
0.085
350
2900
C (1)
HE3C292(1)125(2)(3)(4)(5)
0.075
500
3300
C (2)
HE3C332(1)125(2)(3)(4)(5)
0.075
500
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Operating temperature range
-55 °C to +85 °C (to +125 °C with voltage derating)
Storage temperature range
-62 °C to +130 °C
Capacitor tolerance
± 20 % ± 10 % at 120 Hz
ESR
Limits per Standard Ratings table
DC leakage current (DCL max.)
At 25 °C the leakage current shall not exceed values listed in the Standard Rating table.
Reverse voltage
No continuous reverse voltage permitted
Surge voltage
The test shall be at 1000 cycles at 110 % of rated voltage at 85 °C. A cycle consists of a 30 s
charge and a 330 s discharge through 100
Ω resistor.
Life test
2000 h at +85 °C
ENVIRONMENTAL CHARACTERISTICS
ITEM
TEST AND CONDITIONS
COMMENTS
Hermeticity
MIL-STD-202, method 112 C/IIIa
The capacitor shall be hermetically sealed such that the case does not leak
electrolyte or vent any gas when exposed to a vacuum.
Moisture resistance
MIL-STD-202, method 106
6 V polarity
Altitude
MIL-STD-202, method 105 C,
test condition D
100 000 feet test
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. ESR
AT +25 °C, 1 kHz
(Ω)
MAX. DCL
AT +25 °C
(μA)
Notes
• Part number definitions:
(1) Standard capacitance tolerance is 20 % or “M”. Contact marketing for availability of 10 % or “K”
(2) Standard termination is “B” or tin / lead. RoHS-compliant or 100 % tin is available as “A“
(3) Standard reliability is “Z” or non-established reliability
(4) Standard temperature range is “S” or -55 °C to +125 °C
(5) Standard ESR is “S”
(1) Preliminary rating, specification subject to change. Contact marketing for availability
(2) Requires export license for shipments outside the US. Contact marketing for availability



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com