Electronic Components Datasheet Search
  English  ▼

X  

CDHV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CDHV
Description  Thick Film Chip Dividers, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDHV Datasheet(HTML) 1 Page - Vishay Siliconix

  CDHV Datasheet HTML 1Page - Vishay Siliconix CDHV Datasheet HTML 2Page - Vishay Siliconix CDHV Datasheet HTML 3Page - Vishay Siliconix CDHV Datasheet HTML 4Page - Vishay Siliconix CDHV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDHV
www.vishay.com
Vishay Techno
Revision: 19-May-2021
1
Document Number: 68020
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Dividers, High Voltage
LINKS TO ADDITIONAL RESOURCES
FEATURES
• High voltage up to 3000 V
• Typical resistance ratios of 250:1 to a maximum
resistance ratio of 500:1
• Flow solderable
• Tape and reel packaging available
• Termination style: 3-sided wraparound termination or
single termination flip chip available
• Suitable for solderable, epoxy bondable, or wire bondable
applications
• Termination material: solder-coated nickel barrier or
solder coated non-magnetic terminations standard; gold,
palladium silver, platinum gold, platinum silver or platinum
palladium gold terminations available
• Multiple styles, termination materials and configurations,
allow wide design flexibility
• Epoxy
bondable
or
wire
bondable
non-magnetic
terminations available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
(2) Resistance values below 1 G
Ω are calibrated at 100 VDC, and values of 1 GΩ and above are calibrated at 1000 VDC. Calibration at other
voltages available upon request
(3) Contact factory for tighter tolerances
(4) Reference only: not for all values specified. Consult factory for your value
Note
• Contact factory for other ratios
333
DDD3 D
3D Models
Footprints
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE
SIZE
POWER RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
Ω
TOLERANCE (3)
± %
TEMPERATURE
COEFFICIENT (4)
(-55 °C to +155 °C)
± ppm/°C
TCR TRACKING
± ppm/°C
CDHV 2512
2512
1
3000
20M to 20G
1, 2, 5, 10, 20
100
50 (typical)
VOLTAGE AND TEMPERATURE COEFFICIENTS OF RESISTANCE CHART TYPICAL
RESISTANCE (
Ω)
RATIO (TYPICAL)
VCR (ppm/V)
TCR (ppm/°C) -55 °C to +155 °C
20M
250:1
10
100
150M
300:1
10
150
800M
500:1
10
200
P x R


Similar Part No. - CDHV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDHV2512 VISHAY-CDHV2512 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
CDHV2512AA2005F2500FE1 VISHAY-CDHV2512AA2005F2500FE1 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
CDHV2512AA2005F2500FS2 VISHAY-CDHV2512AA2005F2500FS2 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
CDHV2512AA2005F2500GE1 VISHAY-CDHV2512AA2005F2500GE1 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
CDHV2512AA2005F2500GS2 VISHAY-CDHV2512AA2005F2500GS2 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
More results

Similar Description - CDHV

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MMC06F4704ETP OHMITE-MMC06F4704ETP Datasheet
152Kb / 1P
High Voltage Thick Film SMD Chip
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
Thick Film Chip Dividers, High Voltage
21-Apr-15
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
Thick Film Chip Dividers, High Voltage
21-Apr-15
CDMV VISHAY-CDMV Datasheet
85Kb / 4P
Thick Film Chip Dividers, Medium Voltage
07-Jul-15
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
Thick Film Chip Resistors, High Voltage
02-Oct-14
logo
Token Electronics Indus...
HI83 TOKEN-HI83 Datasheet
658Kb / 7P
Thick Film Planar Dividers, High Voltage Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRMV VISHAY-CRMV Datasheet
143Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
logo
Bourns Electronic Solut...
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com