Electronic Components Datasheet Search
  English  ▼

X  

CDHV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CDHV
Description  Thick Film Chip Dividers, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDHV Datasheet(HTML) 3 Page - Vishay Siliconix

  CDHV Datasheet HTML 1Page - Vishay Siliconix CDHV Datasheet HTML 2Page - Vishay Siliconix CDHV Datasheet HTML 3Page - Vishay Siliconix CDHV Datasheet HTML 4Page - Vishay Siliconix CDHV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDHV
www.vishay.com
Vishay Techno
Revision: 19-May-2021
3
Document Number: 68020
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Reference only: not for all values specified. Consult factory for your specific value
DIMENSIONS in inches (millimeters)
TERMINATION
LENGTH (L)
± 0.006 (0.152)
WIDTH (W)
± 0.006 (0.152)
THICKNESS (T)
± 0.005 (0.127)
A ± 0.005
B ± 0.005
C ± 0.005
E ± 0.005
Style A
(3-sided wraparound)
0.250
0.126
0.025
0.025
0.025
0.040
0.046
Style B
(top only)
0.240
0.126
0.025
0.025
0.025
0.040
-
DERATING CURVE
B
B
C
C
T
T
A
A
W
W
L
Style A
Style B
B
A
B
A
Style A Bottom
(3-sided wraparound)
E
C
B
W
A
-55
-25
0
25
50
75
100 125
155 175
120
70
Ambient Temperature in °C
100
80
60
40
20
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com