Electronic Components Datasheet Search
  English  ▼

X  

MRP6 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MRP6
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MRP6 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MRP6 Datasheet HTML 1Page - M-System Co.,Ltd. MRP6 Datasheet HTML 2Page - M-System Co.,Ltd. MRP6 Datasheet HTML 3Page - M-System Co.,Ltd. MRP6 Datasheet HTML 4Page - M-System Co.,Ltd. MRP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MRP6
MRP6 SPECIFICATIONS
ES-4850 Rev.13 Page 3/5
http://www.m-system.co.jp/
power to the motor and the status LED blinks in 0.5 sec.
intervals.
The protection is reset automatically with applying opposite-
direction input signal or turning the power off and
restarting.
• Restarting Timer
The Mini-Top Series is equipped with a timer circuit which
gives an interval period (0 – 10 seconds) between stop-
restart actions to prevent the motor and other internal
components from overheating.
It is recommended to set a long restarting time when the
ambient temperature and/or the temperature of flow
material is high.
• Electronic Limiter
This model is equipped with electronic limiters in order to
prevent mechanical locks when the input goes below 0 % or
above 100 %.
Limiters are set at approx. -0.5 % for the full-closed side,
approx. 100.5 % for the full-open side.
TERMINAL CONNECTIONS
black (1)
+ (U)
– (V)
+
COM1
+
COM2
white (2)
red (3)
green (4)
yellow (5)
blue (6)
gray (7)
brown (8)
(1) to (8): Terminal No. of terminal box.
Full-open/-closed signals and forced open/close signals are optional.
POWER
INPUT
POSITION OUTPUT (1 – 5V DC)
FULL-OPEN or
FULL-CLOSED
SIGNAL
(output stem)
turned CCW
(output stem)
turned CW
+ (U)
– (V)
+
COM1
+
COM2
COM1
POWER
INPUT
POSITION OUTPUT (1 – 5V DC)
FULL-OPEN or
FULL-CLOSED
SIGNAL
(output stem)
turned CCW
(output stem)
turned CW
COM1
FORCED
OPEN/CLOSE
SIGNAL
FORCED
OPEN/
CLOSE
SIGNAL
(output stem)
turn CCW
(output stem)
turn CW
(output stem)
turn CCW
(output stem)
turn CW
1
3
2
4
6
5
7
8
11
9
10
• With Both Full-open/closed Signal
and Forced Open/Close Signal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com