Electronic Components Datasheet Search
  English  ▼

X  

MRP6 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MRP6
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MRP6 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MRP6 Datasheet HTML 1Page - M-System Co.,Ltd. MRP6 Datasheet HTML 2Page - M-System Co.,Ltd. MRP6 Datasheet HTML 3Page - M-System Co.,Ltd. MRP6 Datasheet HTML 4Page - M-System Co.,Ltd. MRP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MRP6
MRP6 SPECIFICATIONS
ES-4850 Rev.13 Page 1/5
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(rotary type)
Functions & Features
• Small-size control valve actuator
• 1/1000 high resolution
• Easy adjustment: electronic limiter at the valve open &
closed positions
• Overload protection
• Various power inputs
Typical Applications
• Actuator for automatic control valve in pilotplants
• Air-conditioning in buildings or plants
• Micro-flow control for pharmaceutical injection
• For small-size control valves
MODEL: MRP6–[1][2][3][4]–[5][6][7]
ORDERING INFORMATION
• Code number: MRP6-[1][2][3][4]-[5][6][7]
Specify a code from below for each of [1] through [7].
(e.g. MRP6-16LT-A0R)
• Special input range (for codes Z and 0)
[1] SPAN
1: 45 to 90 degrees
2: 90 to 180 degrees
[2] OPERATION TIME, TORQUE
3: 4 seconds / 90°, 10 N·m
4: 7 seconds / 90°, 16 N·m
6: 13 seconds / 90°, 33 N·m
[3] SEQUENTIAL CONTROL SIGNALS
L: Full-open/-closed signal
F: Forced open/close signal
B: Full-open/-closed and forced open/close signals
(Select 'With Terminal Box.')
0: Without
[4] TERMINAL BOX
T: With
0: Without
[5] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Input resistance approx. 1 MΩ)
0: Specify voltage (See INPUT SPECIFICATIONS)
[6] CE MARKING
C: With
0: Without
[7] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
(Not selectable for CE)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
(Not selectable for CE)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Action: Direct or reverse; field selectable with DIP switches
(factory set to “reverse”)
(In “reverse” action, the output stem seen from the cover
turns counterclockwise with an input signal increase.)
Operation at abnormally low input: Counterclockwise turn,
clockwise turn or stop; field selectable with DIP switches
(factory set to“clockwise”)
Note: Counterclockwise or clockwise if seen from the cover.
Detectable input drop level: -16 ±2.5 %
Electrical connection
•Without terminal box
Wiring conduit: G 1/2 female; cable connector with 1 meter
wire (0.5 mm2) provided
•Terminal box
Wiring conduit: G 1/2 female (two)
Terminal screws: M3 pillar terminal
(Sequential control signal suffix code B)


Similar Part No. - MRP6

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MRP6C MSYSTEM-MRP6C Datasheet
135Kb / 4P
Final Control Elements
MRP6C-13-0R MSYSTEM-MRP6C-13-0R Datasheet
135Kb / 4P
Final Control Elements
MRP6C-13-0R/Q MSYSTEM-MRP6C-13-0R/Q Datasheet
135Kb / 4P
Final Control Elements
MRP6C-14-0R MSYSTEM-MRP6C-14-0R Datasheet
135Kb / 4P
Final Control Elements
MRP6C-14-0R/Q MSYSTEM-MRP6C-14-0R/Q Datasheet
135Kb / 4P
Final Control Elements
More results

Similar Description - MRP6

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com