Electronic Components Datasheet Search
  English  ▼

X  

MRP6 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MRP6
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MRP6 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MRP6 Datasheet HTML 1Page - M-System Co.,Ltd. MRP6 Datasheet HTML 2Page - M-System Co.,Ltd. MRP6 Datasheet HTML 3Page - M-System Co.,Ltd. MRP6 Datasheet HTML 4Page - M-System Co.,Ltd. MRP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MRP6
MRP6 SPECIFICATIONS
ES-4850 Rev.13 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
146 (5.75)
15 (.59) dia.
22 (.87)
23 (.87)
CABLE CONNECTOR
w/1 meter (3.28 ft) LEADWIRE
12 –0.043 sq.
70 (2.76) dia.
0
MANUAL HANDLE STEM
6 (.24) sq.
4–M6 12 (.47) deep
90 deg. pitch
YOKE CONNECTION
YOKE SURFACE
146 (5.75)
15 (.59) dia.
22 (.87)
67 (2.64)
12 –0.043 sq.
70 (2.76) dia.
0
MANUAL HANDLE STEM
6 (.24) sq.
2–G 1/2 CONDUIT
4–M6 12 (.47) deep
90 deg. pitch
YOKE CONNECTION
YOKE SURFACE
Cable connector or leadwires not provided with terminal box.
■ TERMINAL BOX TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com