Electronic Components Datasheet Search
  English  ▼

X  

WM8774IFT Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8774IFT
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFT Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8774IFT Datasheet HTML 34Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 35Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 36Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 37Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 38Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 39Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 40Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 41Page - Wolfson Microelectronics plc WM8774IFT Datasheet HTML 42Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
38
AIN1L
10K
10uF
AIN2L
10K
10uF
AIN3L
10K
10uF
AIN7L
10K
10uF
AIN8L
10K
10uF
AIN1R
10K
10uF
AIN2R
10K
10uF
AIN3R
10K
10uF
AIN7R
10K
10uF
AIN8R
10K
10uF
SOURCE
SELECTOR
INPUTS
AINVGR
AINOPR
5K
AINVGL
AINOPL
5K
EXTERNAL CIRCUIT CONFIGURATION
In order to allow the use of 2V rms and larger inputs to the ADC and AUX inputs, a structure is used
that uses external resistors to drop these larger voltages. This also increases the robustness of the
circuit to external abuse such as ESD pulse.
Figure 32 shows the ADC input multiplexor circuit with external components allowing 2Vrms inputs to
be applied.
Figure 32 ADC Input Multiplexor Confiuration
DAC
AUX
BYPASS
INPUTS
10K
MX[0]
MX[1]
MX[2]
10K
10K
10K
DACL/R
BYPASSL/R
AUXL/R
10uF
Figure 33 5.1 Channel Input Multiplexor Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com