Electronic Components Datasheet Search
  English  ▼

X  

MCP3462R Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3462R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3462R Datasheet HTML 25Page - Microchip Technology MCP3462R Datasheet HTML 26Page - Microchip Technology MCP3462R Datasheet HTML 27Page - Microchip Technology MCP3462R Datasheet HTML 28Page - Microchip Technology MCP3462R Datasheet HTML 29Page - Microchip Technology MCP3462R Datasheet HTML 30Page - Microchip Technology MCP3462R Datasheet HTML 31Page - Microchip Technology MCP3462R Datasheet HTML 32Page - Microchip Technology MCP3462R Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 29
MCP3461/2/4R
3.0
PIN DESCRIPTIONS
TABLE 3-1:
PIN FUNCTION TABLE
MCP3461R MCP3462R MCP3464R MCP3461R MCP3462R MCP3464R
Symbol
Description
20-Lead UQFN
20-Lead TSSOP
1
3
REFIN-
Inverting Reference Input Pin
2
4
REFIN+/OUT Noninverting Reference Input Pin
or Internal Voltage Reference
Output
3
5
CH0
Analog Input 0 Pin
4
6
CH1
Analog Input 1 Pin
—
5
5
—
7
7
CH2
Analog Input 2 Pin
—
6
6
—
8
8
CH3
Analog Input 3 Pin
—
—
7
—
—
9
CH4
Analog Input 4 Pin
—
—
8
—
—
10
CH5
Analog Input 5 Pin
—
—
9
—
—
11
CH6
Analog Input 6 Pin
—
—
10
—
—
12
CH7
Analog Input 7 Pin
11
13
CS
Serial Interface Chip Select
Digital Input Pin
12
14
SCK
Serial Interface Digital Clock Input
Pin
13
15
SDI
Serial Interface Digital Data Input
Pin
14
16
SDO
Serial Interface Digital Data
Output Pin
15
17
IRQ/MDAT
Interrupt Output Pin or Modulator
Output Pin
16
18
MCLK
Master Clock Input or Analog
Master Clock Output Pin
17
19
DGND
Digital Ground Pin
18
20
DVDD
Digital Supply Voltage Pin
19
1
AVDD
Analog Supply Voltage Pin
20
2
AGND
Analog Ground Pin
5, 6, 7, 8, 9,
10
7, 8, 9, 10
—
7, 8, 9, 10,
11, 12
9, 10, 11,
12
—
NC
Not Connected
21
—
EP
Exposed Thermal Pad, Internally
Connected to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com