Electronic Components Datasheet Search
  English  ▼

X  

MCP3462R Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP3462R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP3462R Datasheet HTML 60Page - Microchip Technology MCP3462R Datasheet HTML 61Page - Microchip Technology MCP3462R Datasheet HTML 62Page - Microchip Technology MCP3462R Datasheet HTML 63Page - Microchip Technology MCP3462R Datasheet HTML 64Page - Microchip Technology MCP3462R Datasheet HTML 65Page - Microchip Technology MCP3462R Datasheet HTML 66Page - Microchip Technology MCP3462R Datasheet HTML 67Page - Microchip Technology MCP3462R Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 64
 2020-2021 Microchip Technology Inc.
5.15.5
DELAY BETWEEN SCAN CYCLES
(TIMER[23:0])
During Continuous mode, Scan cycles are processed
continuously, one after another, separated by a time
delay (TTIMER_SCAN), which is defined by the TIMER
register (address: 0x8) value. During this delay, the
ADC is automatically placed into a power-saving mode
(Standby or ADC Shutdown). The TTIMER_SCAN delay
offers better power efficiency for applications which run
a scan sequence periodically. Since the delay can be
very long, it allows synchronous applications with very
slow update rates without having to use an external
timer. The TIMER
register
defines
the
time,
TTIMER_SCAN, between cycles with a 24-bit unsigned
value going from 0 to 16777215 DMCLK periods.
Table 5-17 details the TIMER values with respect to the
TIMER[23:0] code.
The internal TIMER counter will decrement from the
TTIMER_SCAN value to 0 and launch the new Scan cycle.
If the TTIMER_SCAN value is greater than TADC_SETUP
(256 DMCLK periods), the device will enter ADC
Shutdown mode (ADC_MODE is set to ‘00’ internally)
at each end of a Scan cycle. When the internal TIMER
counter reaches 256, the device will start the ADC
during a TADC_SETUP time to be ready to convert when
the internal counter reaches 0.
If the TTIMER_SCAN value is less than TADC_SETUP, the
part will be placed in Standby mode between Scan
cycles (ADC_MODE is set to ‘10’ internally).
ADC_MODE[1:0] bits in the CONFIG0 register can only
be read as ‘11’ by the SPI interface during the entire
Scan cycle and between Scan cycles.
5.16
A/D Conversion Automatic Reset
and Restart Feature
When the A/D conversions are running, the user can
change the device configuration through the SPI inter-
face by writing any register. Some register settings
directly impact the conversion results and lead to
invalid ADC data if they are changed within a
conversion.
The device incorporates an automatic Reset and
Restart feature for the A/D conversions to avoid these
invalid data. Some register writes with the SPI interface
during a conversion will automatically reset and restart
the A/D conversion with the new settings.
The automatic Reset and Restart feature behavior
depends on the register bits that are written by the SPI
interface.
5.16.1
REGISTER BIT MODIFICATIONS
NOT CAUSING RESET/RESTART
The first group of bits will not generate any Reset and
Restart. This group is composed of all the unused bits,
all the read-only bits and some digital settings, such
as the CONV_MODE[1:0], DATA_FORMAT[1:0],
CRC_FORMAT,
EN_CRCCOM,
IRQ_MODE[0],
EN_FASTCMD, EN_STP and LOCK[7:0] bits.
5.16.2
REGISTER BIT MODIFICATIONS
CAUSING IMMEDIATE
RESET/RESTART
The second group of bits generates a Reset and a
Restart. The Reset is immediate, the Restart is only
valid after a period of two MCLK periods (necessary to
handle the Reset and ensures that the Restart is
synchronous with the master clock). This group is
composed of settings that do not induce an analog
operating
point
change. This
group
includes:
ADC_MODE[1:0], PRE[1:0], OSR[3:0], GAIN[2:0],
AZ_MUX, EN_OFFCAL, EN_GAINCAL, IRQ_MODE[1:0],
MUX[7:0] and DLY[2:0] bits. The EN_OFFCAL,
EN_GAINCAL and IRQ_MODE[1:0] bits generate the
Reset and Restart only if they are changed to a new
value. An overwrite of the same value has no effect. In
Scan mode, the Reset and Restart feature will just
restart the current conversion for this group of bits; the
Scan cycle is not modified and not restarted. The
MUX[7:0] bits can be changed within Scan mode
without generating a Reset and a Restart, since this reg-
ister is a Don’t Care during Scan mode. The DLY[2:0] bits
can be changed during the MUX mode without generat-
ing a Reset and Restart since these bits are Don’t Care
during the MUX mode. The OFFSETCAL[23:0] and
GAINCAL[23:0] bits only generate a Reset and a Restart
when written if their corresponding enable bit
(EN_OFFCAL, EN_GAINCAL) is enabled.
The ADC_MODE[1:0] bits generate an immediate
Reset and Restart, but only if they are overwritten with
‘11’ (in any other case, the conversions are stopped).
Depending on the part being in MUX or Scan mode,
the Reset and Restart feature will reset the conversion
or the complete Scan cycle.
TABLE 5-17:
TIMER DELAY VALUE
BETWEEN SCAN CYCLES
TIMER[23:0]
TTIMER_SCAN Delay
Value
(DMCLK Periods)
111111111111111111111111
16777215
111111111111111111111110
16777214
100000000000000000000000
8388608
000000000000000000000001
1
000000000000000000000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com