Electronic Components Datasheet Search
  English  ▼

X  

MCP3462R Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3462R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3462R Datasheet HTML 35Page - Microchip Technology MCP3462R Datasheet HTML 36Page - Microchip Technology MCP3462R Datasheet HTML 37Page - Microchip Technology MCP3462R Datasheet HTML 38Page - Microchip Technology MCP3462R Datasheet HTML 39Page - Microchip Technology MCP3462R Datasheet HTML 40Page - Microchip Technology MCP3462R Datasheet HTML 41Page - Microchip Technology MCP3462R Datasheet HTML 42Page - Microchip Technology MCP3462R Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 39
MCP3461/2/4R
5.1.1
BURNOUT CURRENT SOURCES
FOR SENSOR OPEN/SHORT
DETECTION
The ADC inputs, VIN-/VIN+, feature a selectable
burnout current source, which enables open or
short-circuit detection, as well as biasing very low-
current external sensors. The bias current is sourced
on the VIN+ pin of the ADC (noninverting output of the
analog multiplexer) and sunk on the VIN- pin of the ADC
(inverting output of the analog multiplexer). Since the
same current flows at the VIN-/VIN+ pins of the ADC, it
can sense the impedance of an externally connected
sensor that would be connected between the selected
inputs of the multiplexer. When the sensor is in short
circuit, the ADC converts signals that are close to 0V.
When the sensor is an open circuit, the ADC converts
signals that are close to the AVDD voltage.
The current source is an independent peripheral of the
ADC. It does not need the ADC to be in Conversion
mode to be present. Once enabled, the source pro-
vides current even when the ADC is in Reset or ADC
Shutdown mode. The current source can be configured
at any time through programming the CS_SEL[1:0] bits
in the CONFIG0 register (see Table 5-2).
Since the amount of current selected can be very small,
it may be necessary to diminish the MCLK master clock
frequency to be able to reach the full desired accuracy
during conversions (the settling time of the input struc-
ture, including the sensor, can be large if the sensor is
very resistive, which will limit the bandwidth of the
Sample-and-Hold input circuit).
The accuracy of the current sources is on the order of
magnitude of ±20% and not very well controlled inter-
nally. However, the mismatch between sink and source
is typically around ±1%.
This relatively low accuracy on the current is generally
sufficient
for
open/short-detection
applications.
Figure 2-53 shows how the ADC output code varies
when the burnout current sources are enabled (with
Gain = 1x) and the input sensor impedance is swept
with a large dynamic range. This allows the use of the
ADC as an open/short-detection circuit, which is
practical when manufacturing complex remote sensor
systems.
5.1.2
INTERNAL TEMPERATURE
SENSOR
The device includes an on-board temperature sensor,
which is made of two typical P-N junction diodes biased
by fixed current sources (TEMP Diodes P and M). The
TEMP Diode P has a current density of 4x of the TEMP
Diode M.
The difference in the current densities of the diodes yields
a voltage that is a function of the absolute temperature.
Once the ADC inputs (VIN-/VIN+) are connected to the
temperature sensor diodes (MUX[7:0] = 0xDE), the
ADC will see a VIN differential input that is the function
of the temperature. The transfer function of the
temperature sensor can be approximated by a linear
equation or a third-order equation for more accuracy.
When the internal temperature sensor is selected for
the MUX or Scan input, the input sink/source current
source, controlled by the CS_SEL[1:0] bits (see
Section 5.1, Analog Input Multiplexer), is disabled
internally (even though the CS_SEL[1:0] bits are not
modified by the temperature sensor selection). In this
case, the input current source is replaced by a specific
internal current source that will only be sourced to the
diode temperature sensor (see Figure 5-1).
The bias current of the diodes is not calibrated internally
and can lead to a relatively large gain and offset error in
the transfer function of the temperature sensor. Typical
graphs showing the typical error in the temperature
measurement are provided in Section 2.0, Typical
Performance Curves (see Figure 2-51 for first order).
The accuracy can also be optimized by using proper
digital gain and offset error calibration schemes.
EQUATION 5-1:
TEMPERATURE SENSOR TRANSFER FUNCTION
TABLE 5-2:
BURNOUT CURRENT
SOURCE SETTINGS
CS_SEL[1:0]
(Source/Sink)
Burnout Current
Amplitude
00
0µA
01
0.9 µA
10
3.7 µA
11
15 µA
First-Order (Linear) Fitting: Gain = 1, MCLK = 4.9152 MHz
TEMP
C

0.102646 ADCDATA LSb

VREF (V) 269.13
,
–
=
VIN mV

0.2973 TEMP (
C) 80
+
=
where VREF = VREF+ – VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com