Electronic Components Datasheet Search
  English  ▼

X  

2EDL23 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 2EDL23
Description  600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDL23 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 2EDL23 Datasheet HTML 7Page - Infineon Technologies AG 2EDL23 Datasheet HTML 8Page - Infineon Technologies AG 2EDL23 Datasheet HTML 9Page - Infineon Technologies AG 2EDL23 Datasheet HTML 10Page - Infineon Technologies AG 2EDL23 Datasheet HTML 11Page - Infineon Technologies AG 2EDL23 Datasheet HTML 12Page - Infineon Technologies AG 2EDL23 Datasheet HTML 13Page - Infineon Technologies AG 2EDL23 Datasheet HTML 14Page - Infineon Technologies AG 2EDL23 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
2EDL23 family Datasheet
11 of 21
Version 2.7
www.infineon.com/gdHalfBridge
2020-07-07
2EDL23 family
600 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
4.2
Required operation conditions
All voltages are absolute voltages referenced to VGND -potential unless otherwise specified. (Ta=25°C).
Table 3
Required Operation Conditions
Parameter
Symbol Min.
Max. Unit
High side offset voltage1
VB
7
620
V
Low side supply voltage (internally clamped, VDD vs. VPGND)
VDDPGND
10
25
4.3
Operating Range
All voltages are absolute voltages referenced to VGND -potential unless otherwise specified. (Ta=25°C)
Table 4
Operating range
Parameter
Symbol Min.
Max. Unit
High side floating supply offset voltage
VS
VDD - VBS
-1
500
V
High side floating supply offset voltage (V
B
vs. V
DD
, statically)
VBDD
-1.0
500
High side floating supply voltage (V
B
vs. V
S
)1
IGBT-Types
VBS
13
17.5
MOSFET-Types
10
17.5
High side output voltage (V
HO
vs. V
S
)
VHO
0
VBS
Low side output voltage (V
LO
vs. V
PGND
)
VLO
0
VDD
Low side supply voltage
IGBT-Types
VDD
13
17.5
MOSFET-Types
10
17.5
Low side ground voltage
VPGND
-2.5
2.5
Logic input voltages LIN,HIN, EN2
VIN
0
17.5
FAULT output voltage
VFLT
0
VDD
Pulse width for ON or OFF3
IGBT-Types
tIN
0.8
–
µs
MOSFET-Types
0.3
–
Ambient temperature
Ta
-40
105
°C
Thermal coefficient
(junction to top, see section 6)
Ψ
th(j-top)
–
–
4.8
3.3
K/W
1
Logic operational for VB (VB vs. VGND) > 7.0 V.
2
All input pins (HIN, LIN, EN) are internally clamped (see abs. maximum ratings).
3
The input pulse may not be transmitted properly in case of input pulse width at LIN and HIN below 0.8µs (IGBT types) or 0.3 µs
(MOSFET) respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com