Electronic Components Datasheet Search
  English  ▼

X  

2EDL23 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # 2EDL23
Description  600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDL23 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button 2EDL23 Datasheet HTML 13Page - Infineon Technologies AG 2EDL23 Datasheet HTML 14Page - Infineon Technologies AG 2EDL23 Datasheet HTML 15Page - Infineon Technologies AG 2EDL23 Datasheet HTML 16Page - Infineon Technologies AG 2EDL23 Datasheet HTML 17Page - Infineon Technologies AG 2EDL23 Datasheet HTML 18Page - Infineon Technologies AG 2EDL23 Datasheet HTML 19Page - Infineon Technologies AG 2EDL23 Datasheet HTML 20Page - Infineon Technologies AG 2EDL23 Datasheet HTML 21Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
2EDL23 family Datasheet
18 of 21
Version 2.7
www.infineon.com/gdHalfBridge
2020-07-07
2EDL23 family
600 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
6
Package information
Max. reflow solder temperature:
265°C acc. JEDEC
Max. wave solder temperature:
245°C acc. JEDEC
Figure 25
Package outline PG-DSO-14
Figure 26
PCB reference layout (according to JEDEC 1s0P)
left: Reference layout
right: detail of footprint
The thermal coefficient is used to calculate the junction temperature, when the IC surface temperature is
measured. The junction temperature is
j
=
Ψth(j-top)∙ + top
Table 7
Data of reference layout
Dimensions
Material
Metal (Copper)
76.2 × 114.3 × 1.5 mm³
FR4 (λtherm = 0.3 W/mK)
70µm (λtherm = 388 W/mK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com