Electronic Components Datasheet Search
  English  ▼

X  

FDPCEE031801JLAB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FDPCEE031801JLAB
Description  Axial Vitreous Leaded Wirewound Resistors with CECC Approval
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FDPCEE031801JLAB Datasheet(HTML) 4 Page - Vishay Siliconix

  FDPCEE031801JLAB Datasheet HTML 1Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 2Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 3Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 4Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 5Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 6Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDG, FDK, FDP
www.vishay.com
Vishay Draloric
Revision: 28-Mar-17
4
Document Number: 21046
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING according to CECC 40201-801
TEMPERATURE RISE
10
100
1000
10000
0
20
40
60
80
100
120
-100
-50
0
50
100
150
200
250
300
350
Axis Title
Ambient Temperature (°C)
2nd line
116
54
25
70
-55
10
100
1000
10000
0
100
200
300
400
500
012345
Axis Title
Dissipation (W)
2nd line
FDG
10
100
1000
10000
0
100
200
300
400
500
02468
10
Axis Title
Dissipation (W)
2nd line
FDK
10
100
1000
10000
0
100
200
300
400
500
0
4
8
12
16
20
Axis Title
Dissipation (W)
2nd line
FDP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com