Electronic Components Datasheet Search
  English  ▼

X  

FDPCEE031801JLAB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FDPCEE031801JLAB
Description  Axial Vitreous Leaded Wirewound Resistors with CECC Approval
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FDPCEE031801JLAB Datasheet(HTML) 1 Page - Vishay Siliconix

  FDPCEE031801JLAB Datasheet HTML 1Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 2Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 3Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 4Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 5Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 6Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FDG, FDK, FDP
www.vishay.com
Vishay Draloric
Revision: 28-Mar-17
1
Document Number: 21046
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial Vitreous Leaded Wirewound Resistors with CECC Approval,
Available with Established Reliability
The FDG, FDK and FDP resistors, with completely welded
construction, are the perfect choice for high continuous
power dissipation up to 11.5 W. The established reliability
and failure rate level E0 and E7 is demonstrated within
CECC qualification. The components of this series are well
suited for harsh environments and exhibit a long lifetime.
With their high pulse power capability, they are the ideal
choice for inrush limiters. Typical applications include but
are not limited to power supplies, voltage dividers, AC filters,
and snubber resistors. Particular requirements can be
submitted to a Vishay Draloric application engineer
specifying peak voltage, pulse shape, pulse duration, and
environmental conditions for review.
FEATURES
• CECC 40201-801 approval options:
- Version A, failure rate level E0
- Version E, with established reliability, failure
rate level E7
• High power dissipation in a small design
• Excellent pulse load capability
• Vitreous coating
• Non-flammable and enhanced humidity protection
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Inrush current limiter
• Power supplies
• Snubber resistor
• Filter resistor
Notes
• The operating temperature range for these resistors is from -55 °C up to 350 °C
• The failure rate level E7 (10-7/h,
Q = 0.1) corresponds to MIL Level R, is superior to level E6 (10-6/h, Q = 0.3) or level E5 (10-5/h, Q = 1)
and thus may be used as a replacement
(1) Resistance values are to be selected for ± 5 % from the E12 series, and for ± 2 % from the E24 series
TECHNICAL SPECIFICATION
TYPE
RATED
DISSIPATION
P25
RATED
DISSIPATION
P70
RESISTANCE
RANGE (1)
RESISTANCE
TOLERANCE
OPERATING
VOLTAGE
Umax.
TEMPERATURE
COEFFICIENT
FDG
3.5 W
3.0 W
0.10
 to 10.0 k
± 5 %
100 V
+100 ppm/K
to +180 ppm/K
0.10
 to 10.0 k
± 2 %
FDK
6.5 W
5.5 W
0.10
 to 39.0 k
± 5 %
200 V
0.10
 to 22.0 k
± 2 %
FDP
11.5 W
10 W
0.15
 to 68.0 k
± 5 %
350 V
0.15
 to 33.0 k
± 2 %


Similar Part No. - FDPCEE031801JLAB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC4044 FAIRCHILD-FDPC4044 Datasheet
385Kb / 7P
Common Drain N-Channel PowerTrench MOSFET
FDPC5018SG FAIRCHILD-FDPC5018SG Datasheet
341Kb / 12P
PowerTrench® Power Clip 30V Asymmetric Dual N-Channel MOSFET
Rev.1.1 September 2015
logo
ON Semiconductor
FDPC5030SG ONSEMI-FDPC5030SG Datasheet
485Kb / 13P
MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V
May, 2021 - Rev. 6
logo
Fairchild Semiconductor
FDPC8011S FAIRCHILD-FDPC8011S Datasheet
3Mb / 12P
New Products, Tips and Tools for Power and Mobile Applications
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
More results

Similar Description - FDPCEE031801JLAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
GWS VISHAY-GWS Datasheet
182Kb / 11P
Vitreous Wirewound Resistors with Lugs
19-Jul-16
GWK VISHAY-GWK Datasheet
843Kb / 8P
Vitreous Wirewound Resistors with Ferrules
20-Apr-2018
GBS VISHAY-GBS Datasheet
128Kb / 7P
Vitreous Wirewound Resistors with Corrugated Ribbon
25-Jul-2019
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com