Electronic Components Datasheet Search
  English  ▼

X  

FDPCEE031801JLAB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # FDPCEE031801JLAB
Description  Axial Vitreous Leaded Wirewound Resistors with CECC Approval
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FDPCEE031801JLAB Datasheet(HTML) 6 Page - Vishay Siliconix

  FDPCEE031801JLAB Datasheet HTML 1Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 2Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 3Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 4Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 5Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 6Page - Vishay Siliconix FDPCEE031801JLAB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDG, FDK, FDP
www.vishay.com
Vishay Draloric
Revision: 28-Mar-17
6
Document Number: 21046
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
Notes
(1) The body diameter is 0.5 mm larger for resistance values
 10 
(2) Minimum pitch
4.23
Climatic sequence
± (0.5 % R + 0.05
)
4.23.2
2 (Bb)
Dry heat 200 °C; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C; 24 h; 90 % to 100 % RH;
1 cycle
4.23.4
1 (Ab)
Cold -55 °C; 2 h
4.23.5
13 (M)
Low air pressure; 1.0 kPa; 2 h;
15 °C to 35 °C
4.23.6
30 (Db)
Damp heat, cyclic
55 °C; 24 h; 95 % to 100 % RH;
5 cycles
4.25.2
-
Endurance at
room temperature
Ptest = 1.16 x P70
Utest =
 U
max.
ton = 1.5 h; toff = 0.5 h
25 °C; 1000 h
± (3.0 % R + 0.05
)
25 °C; 8000 h
± (6.0 % R + 0.05
)
4.25.3
-
Endurance at upper
category temperature
Ptest = Pcat = 0.54 x P70
Utest =
 U
max.
200 °C; 1000 h
± (3.0 % R + 0.05
)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
56 days;
(93 ± 3) % RH
± (0.5 % R + 0.05
)
DIMENSION AND MASS
TYPE
Lmax.
(mm)
Dmax.(1)
(mm)
d
(mm)
B
(mm)
A
(mm)
Smin.(2)
(mm)
MASS
(g)
FDG
13.0
6.0
0.8
73.0 ± 1.0
83.0 ± 0.3
17.5
1.0
FDK
20.0
8.0
0.8
73.0 ± 1.0
83.0 ± 0.3
25.0
2.2
88.0 ± 1.0
98.0 ± 0.3
FDP
32.5
10.5
0.8
-
107.0 ± 2.0
40.0
6.5
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2
TEST METHOD (1)
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY CLASS 5 OR BETTER
1.16 x P
70 x R
0.54 x P
70 x R
D
d
L
B
A
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com