Electronic Components Datasheet Search
  English  ▼

X  

MSP6D Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MSP6D
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6D Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MSP6D Datasheet HTML 1Page - M-System Co.,Ltd. MSP6D Datasheet HTML 2Page - M-System Co.,Ltd. MSP6D Datasheet HTML 3Page - M-System Co.,Ltd. MSP6D Datasheet HTML 4Page - M-System Co.,Ltd. MSP6D Datasheet HTML 5Page - M-System Co.,Ltd. MSP6D Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: MSP6D
MSP6D SPECIFICATIONS
ES-4805 Rev.8 Page 4/6
http://www.m-system.co.jp/
ITEM
ACCESS FUNCTION
RANGE
Retry
Set / Get Set Retry Times
Range: 1 to 255
The actuator tries to restart for the number of preset “Retry” times.
Default: 5
IllegalInputOPN
Set / Get Illegal Input Operation
0 : Input limit position
Set the actuator’s operation in case of an illegal input.
1 : Stop
2 : 0% position
3 : 100% position
Default: 0
COMM ErrorOPN
Get
0 : Stop
Shows the communication error operation setting on the control
1 : 0% position
circuit board of the actuator.
2 : 100% position
COMM FaultTime
Set / Get Set Stand-by Time Before Starting Communication Error Operation
Range: 10 to 255
The time to wait in case of an communication error before starting the
Default: 10 (sec.)
pre-designated operation.
Direction
Set / Get Set Input Action
0 : Reverse
Direct action: 100% output at 0% input
1 : Direct
Reverse action: 0% output at 0% input
Default: 0
Not related to relations between Present Position (position output) and
actual stem position.
MIN input
Set / Get Position Target Input Limit
Range: -50 to 10000
Set the lower limit of “Input as Target.”
Default: -50 (×0.01%)
Any input below the setpoint is clamped to the set value.
MAX input
Set / Get Position Target Input Limit
Range: 0 to 10050
Set the upper limit of “Input as Target.”
Default: 10050 (×0.01%)
Any input above the setpoint is clamped to the set value.
Input as Zero
Set / Get Input Scaling (such as for Split Control)
Range: -50 to 10000
“Input as Target” value for 0% output stem position setpoint.
Default: 0 (×0.01%)
Input as Full
Set / Get Input Scaling (such as for Split Control)
Range: 0 to 10050
“Input as Target” value for 100% output stem position setpoint.
Default: 10000 (×0.01%)
DeadlockCNTR
Set / Get Deadlock Counter
Range: 0 to 65535 (×1)
Shows the totalized number of Retries at a deadlock.
LastDeadlockPOSN Get
Range: -50 to 10050
Shows the output stem position at the last deadlock.
(×0.01%)
Default: 32767
(invalid data)
StartingCNTR *1
Set / Get Motor Starting Counter
Range: 0 to 4294967295
Shows the totalized number of starting the motor.
(×1)
TurnOverCNTR *1 Set / Get Motor Reversing Counter
Range: 0 to 4294967295
Shows the totalized number of reversing the motor direction.
(×1)
Accumulated MVT Set / Get Accumulated Running Distance
Range: 0 to 4294967295
*
Shows the acculated running distance. 100% span defined with Zero
(×0.1%)
and Span adjustments on the PCB.
* Data stored every 10 minutes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com