Electronic Components Datasheet Search
  English  ▼

X  

MSP6D Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MSP6D
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6D Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MSP6D Datasheet HTML 1Page - M-System Co.,Ltd. MSP6D Datasheet HTML 2Page - M-System Co.,Ltd. MSP6D Datasheet HTML 3Page - M-System Co.,Ltd. MSP6D Datasheet HTML 4Page - M-System Co.,Ltd. MSP6D Datasheet HTML 5Page - M-System Co.,Ltd. MSP6D Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: MSP6D
MSP6D SPECIFICATIONS
ES-4805 Rev.8 Page 2/6
http://www.m-system.co.jp/
INSTALLATION
Current consumption
•DC: Approx. 0.5 A
Current is approx. 1.5 times as high as the above figure
during the motor startup.
Supply voltage to network: 11 – 25 V DC supplied through
the network terminal block
Supply current to network: 60 mA max.
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration: 0.5 G (4.9 m/s2) max.
Mounting position: All directions
Do not mount the actuator with its output stem or cable
connector on the upside if the actuator is to be exposed to
dripping water.
Weight: 3.0 kg (6.6 lb)
PERFORMANCE
Resolution: 1/1000 or 0.02 mm, whichever is greater, with
0.1 % deadband setting
Insulation resistance:
≥ 100 MΩ with 500 V DC (communication [except drain] to
power or metallic housing)
≥ 100 MΩ with 100 V DC (power to metallic housing)
Dielectric strength:
1500 V AC @ 1 minute (communication [except drain] to
power or metallic housing)
100 V AC @ 1 minute (power to metallic housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com