Electronic Components Datasheet Search
  English  ▼

X  

MSP6D Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSP6D
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6D Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSP6D Datasheet HTML 1Page - M-System Co.,Ltd. MSP6D Datasheet HTML 2Page - M-System Co.,Ltd. MSP6D Datasheet HTML 3Page - M-System Co.,Ltd. MSP6D Datasheet HTML 4Page - M-System Co.,Ltd. MSP6D Datasheet HTML 5Page - M-System Co.,Ltd. MSP6D Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: MSP6D
MSP6D SPECIFICATIONS
ES-4805 Rev.8 Page 1/6
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(linear type; DeviceNet)
Functions & Features
• Small-size control valve actuator
• Direct connection to DeviceNet capable PLC
and other devices on the same network
• Easy wired
• Remote configuration via DeviceNet
• Uploading device information via DeviceNet for
maintenance purpose
• 1/1000 high resolution
Typical Applications
• Small-diameter control valve used in food related plants
or in co-generation systems
• Air-conditioning in buildings or plants
• Micro-flow control for pharmaceutical injection
MODEL: MSP6D-[1][2][3]-[4]R
ORDERING INFORMATION
• Code number: MSP6D-[1][2][3]-[4]R
Specify a code from below for each of [1] through [4].
(e.g. MSP6D-361-CR)
[1] STROKE
3: 10 to 20 mm (.39” to .79”)
4: 20 to 40 mm (.79” to 1.57”)
[2] OPERATION TIME, THRUST
3: 9 sec. / 10 mm, 600 N
4: 18 sec. / 10 mm, 1200 N
5: 24 sec. / 10 mm, 1800 N
6: 36 sec. / 10 mm, 2500 N
[3] OUTPUT STEM TYPE
6: M6 female thread, 0.75 pitch
8: M8 female thread, 1.0 pitch
1: M10 female thread, 1.25 pitch
D: M6 female thread, 1.0 pitch
E: M8 female thread, 1.25 pitch
F: M10 female thread, 1.5 pitch
[4] CE MARKING
C: With
0: Without
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Degree of protection: IP66 (IP67 connector)
Action: Direct or reverse (factory set to “reverse”)
(In “reverse” action, the output stem is retracted with an
input signal increase.)
Operation at a communication error: Extend, retract or stop
(DIP SW selectable; factory set to“stop”)
Node address: 0 – 63; DIP SW selectable
Baud rate: 125 k, 250 k, 500 k bps (DIP SW selectable;
factory set to 125 kbps)
Circuit connection
Communication: 5-core microconnector, male
Power: 4-core microconnector, male
Transmission cable: Approved for DeviceNet
(e.g. OMRON DCA1)
Power input cable: With connector
(e.g. OMRON XS2F or XS2WD42)
Housing material: Cast aluminum
Drive: Stepping motor
Insulation class: E
Position detection: Potentiometer
Isolation: Communication to power
Zero adjustment: 0 – 25 %
Span adjustment: 50 - 100 %
MS (Module Status) indicator: Bi-color (green/red)
LED indicates device status.
NS (Network Status) indicator: Bi-color (green/red)
LED indicates status of the communication link.
Manual operating handle: Not available
OUTPUT SPECIFICATIONS
■ Operation Time & Torque (at rated power voltage)
MSP6D-x3: 9 sec. / 10 mm; 600 N (135 lbf)
MSP6D-x4: 18 sec. / 10 mm; 1200 N (270 lbf)
MSP6D-x5: 24 sec. / 10 mm; 1800 N (405 lbf)
MSP6D-x6: 36 sec. / 10 mm; 2500 N (562 lbf)


Similar Part No. - MSP6D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
logo
List of Unclassifed Man...
MSP600-3-B-3-N-1 ETC1-MSP600-3-B-3-N-1 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-3-N-4 ETC1-MSP600-3-B-3-N-4 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-4-N-1 ETC1-MSP600-3-B-4-N-1 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
MSP600-3-B-4-N-4 ETC1-MSP600-3-B-4-N-4 Datasheet
182Kb / 2P
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER
More results

Similar Description - MSP6D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5C2 MSYSTEM-MSP5C2 Datasheet
183Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com