Electronic Components Datasheet Search
  English  ▼

X  

PSK-3D Datasheet(PDF) 3 Page - CUI INC

Part # PSK-3D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-3D Datasheet(HTML) 3 Page - CUI INC

  PSK-3D Datasheet HTML 1Page - CUI INC PSK-3D Datasheet HTML 2Page - CUI INC PSK-3D Datasheet HTML 3Page - CUI INC PSK-3D Datasheet HTML 4Page - CUI INC PSK-3D Datasheet HTML 5Page - CUI INC PSK-3D Datasheet HTML 6Page - CUI INC PSK-3D Datasheet HTML 7Page - CUI INC PSK-3D Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
date 01/28/2021
│ page 3 of 8
CUI Inc
│ SERIES: PSK-3D │ DESCRIPTION: AC-DC POWER SUPPLY
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
5~10 seconds max
255
260
265
°C
hand soldering
3~5 seconds max
350
360
370
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
horizontal package: 25.40 x 25.40 x 17.60
chassis mount: 76.00 x 31.50 x 26.40
DIN-rail: 76.00 x 31.50 x 31.00
mm
mm
mm
weight
horizontal package, 3.3 Vdc, 5 Vdc, 9 Vdc & 12 Vdc output
horizontal package, 15 Vdc & 24 Vdc output
chassis mount
DIN-rail
18.0
18.5
38.0
58.0
g
g
g
g
case material
Black plastic, flame-retardant and heat-resistant (UL94V-0)
SAFETY & COMPLIANCE
surge
IEC/EN61000-4-5 line to line ±1KV (See Fig.1 for typical application circuit) perf. Criteria B
IEC/EN61000-4-5 line to line ±2KV (See Fig.2 for recommended circuit) perf. Criteria B
EN55014-2 perf. Criteria B
conducted immunity
IEC/EN61000-4-6 10Vr.m.s perf. Criteria A
EN55014-2 perf. Criteria A
voltage dips and interruption
IEC/EN61000-4-11 0%, 70% perf. Criteria B
EN55014-2 perf. Criteria B
MTBF
MIL-HDBK-217F at 25°C
2,799,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-40
105
°C
storage humidity
0
95
%
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com