Electronic Components Datasheet Search
  English  ▼

X  

PSK-3D Datasheet(PDF) 6 Page - CUI INC

Part # PSK-3D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-3D Datasheet(HTML) 6 Page - CUI INC

  PSK-3D Datasheet HTML 1Page - CUI INC PSK-3D Datasheet HTML 2Page - CUI INC PSK-3D Datasheet HTML 3Page - CUI INC PSK-3D Datasheet HTML 4Page - CUI INC PSK-3D Datasheet HTML 5Page - CUI INC PSK-3D Datasheet HTML 6Page - CUI INC PSK-3D Datasheet HTML 7Page - CUI INC PSK-3D Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
date 01/28/2021
│ page 6 of 8
CUI Inc
│ SERIES: PSK-3D │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION DESIGN REFERENCE
Part No.
C1(µF)
C2(µF)
FUSE
R1
TVS
MOV
PSK-3D-3
1
150
1A/300V,
slow-blow,
required
12Ω/3W
SMBJ7A
S10K350
PSK-3D-5
150
SMBJ7A
PSK-3D-9
120
SMBJ12A
PSK-3D-12
120
SMBJ20A
PSK-3D-15
120
SMBJ20A
PSK-3D-24
68
SMBJ30A
Components
Recommended Value
MOV
S14K350
R1
33Ω/3W
FUSE
2A/300V, slow-blow, required
EMC RECOMMENDED CIRCUIT
Figure 1
Table 1
Figure 2
Table 2
Output Filtering Components:
An electrolytic capacitor with high frequency operation, low ESR, and at least 20% margin on rated output voltage is recommended for
C2. C1 should be a ceramic capacitor and the TVS will help protect downstream electronics in the unlikely event of converter failure.
Note: EMC application circuit with higher requirements.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com