Electronic Components Datasheet Search
  English  ▼

X  

PSK-3D Datasheet(PDF) 4 Page - CUI INC

Part # PSK-3D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-3D Datasheet(HTML) 4 Page - CUI INC

  PSK-3D Datasheet HTML 1Page - CUI INC PSK-3D Datasheet HTML 2Page - CUI INC PSK-3D Datasheet HTML 3Page - CUI INC PSK-3D Datasheet HTML 4Page - CUI INC PSK-3D Datasheet HTML 5Page - CUI INC PSK-3D Datasheet HTML 6Page - CUI INC PSK-3D Datasheet HTML 7Page - CUI INC PSK-3D Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
date 01/28/2021
│ page 4 of 8
CUI Inc
│ SERIES: PSK-3D │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function
1
AC(N)
2
AC(L)
3
no pin
4
-Vo
5
+Vo
units: mm [inch]
pin diameter tolerance: ±0.10 [±0.004]
tolerance: ±0.50 [±0.020]
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com