Electronic Components Datasheet Search
  English  ▼

X  

WM2130CDV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM2130CDV
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM2130CDV Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 9Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 10Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 11Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 12Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 13Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 14Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 15Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
WM2130
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
12
AVDD/2
AIN
REFSENSE
+FS
-FS
REFTS
REFBS
VM
VM
DC SOURCE =VM
REFTF
REFBF
0.1µF
0.1µF
0.1µF
10µF
+
-
MODE
Figure 11 Centre Span Mode, 2V Reference Span
TOP/BOTTOM MODE (MODE = AVDD)
Top/Bottom mode is enabled by connecting the MODE pin to AVDD. In this mode, the ADC
Reference voltages REFTF and REFBF are generated by the internal reference buffer from the
externally supplied voltages REFTS and REFBS. Only single-ended input is possible in
TOP/BOTTOM Mode.
REFTS
REFBS
AIN
REFTF =
AVDD + (REFTS - REFBS)
ADC
CORE
INTERNAL
REFERENCE
BUFFER
REFBF =
AVDD - (REFTS - REFBS)
SAMPLE
AND
HOLD
-1/2
+1
-1/2
Figure 12 ADC Reference Generation in Top/Bottom Mode
The voltage difference between REFTS and REFBS should equal the peak-to-peak input signal
amplitude. A smaller voltage difference would give rise to out-of-range conditions, whereas a larger
one would not fully utilise the ADC resolution. The average of REFTS and REFBS must be the AIN
mid-scale voltage, VM.
Typically, REFSENSE is tied to AVDD to disable the on-chip reference generator, but the user can
also choose to use its output to drive either REFTS or REFBS.
AVDD
AIN
REFSENSE
REFTF
REFBF
+FS
-FS
REFTS
REFBS
MODE
DC SOURCE =
VM + [(FS+) - (FS-)]* GAIN/2
DC SOURCE =
VM - [(FS+) - (FS-)]* GAIN/2
0.1µF
10µF
0.1µF
0.1µF
Figure 13 Top/Bottom Mode (Reference Generator Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com