Electronic Components Datasheet Search
  English  ▼

X  

WM2130CDV Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2130CDV
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDV Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2130CDV Datasheet HTML 1Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 2Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 3Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 4Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per specifications IPC/JEDEC J-STD-020A and JEDEC A113-B, this product requires specific storage conditions prior to
surface mount assembly. It has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in
vacuum-sealed moisture barrier bags.
CONDITION
MIN
MAX
Digital supply voltage, DVDD to DGND
-0.3V
+6.5V
Analogue supply voltage, AVDD to AGND
-0.3V
+6.5V
Supply voltage difference, AVDD to DVDD
-6.5V
+6.5V
Ground difference, AGND to DGND
-0.3V
+0.3V
Digital inputs voltage range (DO[9:0], STBY, OEB, M876B)
DGND - 0.3V
DVDD + 0.3V
Voltage range analogue inputs (REFTS, REFBS, REFTF, REFBF, AIN,
VREF, REFSENSE, CLK, MODE)
AGND - 0.3V
AVDD + 0.3V
Storage temperature
-65
°C
+150
°C
Soldering lead temperature, 1.6mm (1/16 inch) from package body for
10 seconds
+300
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Digital supply range
DVDD
3.0
3.3
5.5
V
Analogue supply range
AVDD
3.0
3.3
5.5
V
Clock frequency
fCLK
530
MHz
Clock duty cycle
45
50
55
%
WM2130C
0
°C
Operating Free Air Minimum
Temperature
TMIN
WM2130I
-40
°C
WM2130C
70
°C
Operating Free Air Maximum
Temperature
TMAX
WM2130I
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com