Electronic Components Datasheet Search
  English  ▼

X  

WM2130CDV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM2130CDV
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM2130CDV Datasheet HTML 12Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 13Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 14Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 15Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 16Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 17Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 18Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 19Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
19
DIGITAL OUTPUT LOADING AND CIRCUIT BOARD LAYOUT
The WM2130 outputs are capable of driving rail-to-rail with up to 20pF of load per pin at 30MHz clock
and 3V digital supply. Minimising the load on the outputs will improve WM2130 signal-to-noise
performance by reducing the switching noise coupling from the WM2130 output buffers to the internal
analogue circuits. The output load capacitance can be minimised by buffering the WM2130 digital
outputs with a low input capacitance buffer placed as close to the output pins as physically possible,
and by using the shortest possible tracks between the WM2130 and this buffer.
Noise levels at the output buffers, which may affect the analogue circuits within WM2130, increase
with the digital supply voltage. Where possible, consider using the lowest DVDD that the application
can tolerate.
Use good layout practices when designing the application PCB to ensure that any off-chip return
currents from the WM2130 digital outputs (and any other digital circuits on the PCB) do not return via
the supplies to any sensitive analogue circuits. The WM2130 should be soldered directly to the PCB
for best performance. Socketing the device will degrade performance by adding parasitic socket
inductance and capacitance to all pins.
USER TIPS FOR OBTAINING BEST PERFORMANCE FROM THE WM2130
•
Choose differential input mode for best distortion performance.
•
Choose a 2V ADC input span for best noise performance.
•
Choose a 1V ADC input span for best distortion performance.
•
Drive the clock input CLK from a low-jitter, fast logic stage, with a well-decoupled
power supply and short PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com