Electronic Components Datasheet Search
  English  ▼

X  

REF34XX Datasheet(PDF) 7 Page - Texas Instruments

Part # REF34XX
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF34XX Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF34XX Datasheet HTML 3Page - Texas Instruments REF34XX Datasheet HTML 4Page - Texas Instruments REF34XX Datasheet HTML 5Page - Texas Instruments REF34XX Datasheet HTML 6Page - Texas Instruments REF34XX Datasheet HTML 7Page - Texas Instruments REF34XX Datasheet HTML 8Page - Texas Instruments REF34XX Datasheet HTML 9Page - Texas Instruments REF34XX Datasheet HTML 10Page - Texas Instruments REF34XX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7.5 Electrical Characteristics
At VIN = VOUT + VDO, COUT = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to 125℃;
Typical specifications at TA = 25℃ unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy TA = 25℃
–0.05
0.05
%
Output voltage
temperature coefficient
(1)
–40°C ≤ TA ≤ 125°C
2.5
6
ppm/°C
LINE & LOAD REGULATION
ΔVO/ΔVIN
Line Regulation
VIN = VOUT + VDO (2) to 12 V
2
15
ppm/V
ΔVO/ΔIL
Load Regulation
IL = 0 mA to 10mA, VIN
= VOUT+ VDO (3)
Sourcing
20
30
ppm/mA
IL = 0 mA to –10mA,
VIN = VOUT+ VDO, TA =
25°C (3)
Sinking, REF3425
40
70
Sinking, REF3430
43
75
Sinking, REF3433
48
84
Sinking, REF3440
60
98
Sinking, REF3450
70
140
ISC
Short circuit current
VOUT = 0 V at TA = 25°C
18
22
mA
NOISE
enp-p
Low frequency noise (4)
0.1Hz ≤ f ≤ 10Hz
5
µVp-p/V
0.1Hz ≤ f ≤ 10Hz (REF3440 and REF3450)
3.8
en
Integrated wide band
noise
10Hz ≤ f ≤ 10kHz
24
µVrms
en
Output voltage noise
density
f = 1kHz
0.25
ppm/√Hz
f = 1kHz (REF3440 and REF3450)
0.2
LONG TERM STABILITY AND HYSTERESIS
Long-term stability (5)
DBV Package
0 to 1000h at 35°C
25
ppm
1000h to 2000h at 35°C
10
Output voltage thermal
hysteresis (6)
DBV Package
25°C, –40°C,125°C,
25°C Cycle 1
30
ppm
25°C, –40°C,125°C,
25°C Cycle 2
10
TURN-ON TIME
tON
Turn-on time
0.1% of output voltage settling, CL = 10 µF
2.5
ms
CAPACITIVE LOAD
CL
Stable output capacitor
range
–40°C ≤ TA ≤ 125°C
0.1
10
µF
OUTPUT VOLTAGE
VOUT
Output voltage
REF3425, REF3425T
2.5
V
REF3430, REF3430T
3.0
REF3433, REF3433T
3.3
REF3440, REF3440T
4.096
REF3450, REF3450T
5.0
POWER SUPPLY
VIN
Input voltage
VOUT +
VDO
12
V
IL
Output current capacity VIN = VOUT + VDO to 12 V
–10
10
mA
IQ
Quiescent current
Active mode
72
95
µA
Shutdown mode
2.5
3
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com