Electronic Components Datasheet Search
  English  ▼

X  

REF34XX Datasheet(PDF) 19 Page - Texas Instruments

Part # REF34XX
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF34XX Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF34XX Datasheet HTML 15Page - Texas Instruments REF34XX Datasheet HTML 16Page - Texas Instruments REF34XX Datasheet HTML 17Page - Texas Instruments REF34XX Datasheet HTML 18Page - Texas Instruments REF34XX Datasheet HTML 19Page - Texas Instruments REF34XX Datasheet HTML 20Page - Texas Instruments REF34XX Datasheet HTML 21Page - Texas Instruments REF34XX Datasheet HTML 22Page - Texas Instruments REF34XX Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
As this device has many applications and setups, there are many situations that this datasheet can not
characterize in detail. Basic applications includes positive/negative voltage reference and data acquisition
systems. The table below shows the typical application of REF34xx and its companion ADC/DAC.
Table 10-1. Typical Applications and Companion ADC/DAC
Applications
ADC/DAC
PLC - DCS
DAC8881, ADS8332, ADS8568, ADS8317,
ADS8588S, ADS1287
Display Test Equipment
ADS8332
Video Surveillance - Thermal Cameras
ADS7279
Medical Blood Glucose Meter
ADS1112
10.2 Typical Application: Basic Voltage Reference Connection
The circuit shown in Figure 10-1 shows the basic configuration for the REF34xx references. Connect bypass
capacitors according to the guidelines in Section 10.2.2.1.
10
10
Input Signal
124
1 nF
ADS1287
VIN
REF
CIN
1µF
COUT
10 µF
-
+
REF34xx
Copyright © 2017, Texas Instruments Incorporated
Figure 10-1. Basic Reference Connection
10.2.1 Design Requirements
A detailed design procedure is described based on a design example. For this design example, use the
parameters listed in Table 10-2 as the input parameters.
Table 10-2. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VIN
5 V
Output voltage VOUT
2.5 V
REF34xx input capacitor
1 µF
REF34xx output capacitor
10 µF
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com