Electronic Components Datasheet Search
  English  ▼

X  

REF34XX Datasheet(PDF) 9 Page - Texas Instruments

Part # REF34XX
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF34XX Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF34XX Datasheet HTML 5Page - Texas Instruments REF34XX Datasheet HTML 6Page - Texas Instruments REF34XX Datasheet HTML 7Page - Texas Instruments REF34XX Datasheet HTML 8Page - Texas Instruments REF34XX Datasheet HTML 9Page - Texas Instruments REF34XX Datasheet HTML 10Page - Texas Instruments REF34XX Datasheet HTML 11Page - Texas Instruments REF34XX Datasheet HTML 12Page - Texas Instruments REF34XX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
7.6 Typical Characteristics
at TA = 25°C, VIN = VEN = 12 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Drift (ppm/°C)
(-40°C to 125°C)
D001
Figure 7-1. Temperature Drift
Temperature (°C)
-40
-15
10
35
60
85
110 125
68
69
70
71
72
73
74
3V
3.3V
5V
12V
D003
Figure 7-2. VIN vs IQ over Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
D002
Figure 7-3. Output Voltage Accuracy vs Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
71
71.5
72
72.5
73
73.5
74
74.5
75
D004
Figure 7-4. Quiescent Current vs Temperature
Frequency (Hz)
-120
-100
-80
-60
-40
-20
10
100
1k
10k
100k
D005
CL = 1uF
CL = 10uF
Figure 7-5. Power-Supply Rejection Ratio vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.2
0.21
0.22
0.23
0.24
D019
Figure 7-6. Line Regulation
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com