Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 28Page - Texas Instruments TAS5828M Datasheet HTML 29Page - Texas Instruments TAS5828M Datasheet HTML 30Page - Texas Instruments TAS5828M Datasheet HTML 31Page - Texas Instruments TAS5828M Datasheet HTML 32Page - Texas Instruments TAS5828M Datasheet HTML 33Page - Texas Instruments TAS5828M Datasheet HTML 34Page - Texas Instruments TAS5828M Datasheet HTML 35Page - Texas Instruments TAS5828M Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
8.5.5.4 Overtemperature Shutdown (OTSD)
The TAS5828M device continuesly monitors die temperature to ensure it does not exceed the over temperature
threshold specified in Electrical Characteristics - OCETHRES. If an OTE event occurs, the fault GPIO is pulled low
and I2C fault status is reported, then audio output trasfers to high empedance Hiz mode, signifying a fault. This is
a latched error, and it requires I2C clear fault operation to restart audio playing.
8.5.5.5 PVDD Overvoltage and Undervoltage Error
If the voltage presented on the PVDD supply rises over the OVETHRES(PVDD) or drops below the UVETHRES(PVDD)
listed in Electrical Characteristics - Protection, the fault GPIO is pulled to low and I2C fault status is reported,
then audio output transfers to high impedance Hiz mode. These are self-clearing error, which means that once
PVDD level is back to normal operation, the device resumes audio playing.
8.5.5.6 PVDD Drop Detection
TAS5828M not only provides PVDD Undervoltage Shutdown protection, but also optional PVDD drop detection.
Based on internal PVDD real-time sensing voltage, TAS5828M is able to be configured to expected behavior,
which could toggle pin10 PD_DET from high to low to indicate PVDD drops below specific level (default 8
V), and whether TAS5828M automatically goes into Hiz mode to shutdown audio output. All these settings is
accessible through Register 0x04h and 0x05h.
The purpose is to feedback PVDD voltage drop information through GPIO to user product control system, which
is able to implement flexible protection strategy. For example, SOC could starts audio volume fade out process
once PD_DET pin goes to low. This process could provide effective pop-click free control shutdown.
8.5.5.7 Clock Fault
When a clock error is detected on incoming data clock, the TAS5828M device switches to an internal oscillator
and continues to the driving DAC, whicl attenuating the data from the last known value. Once this process is
completed, the DAC output is hard muted to ground and audio output stops. This non-latched clock fault status is
reported I2C fault status, and device audomatically returns to play mode once correct clock is back.
TAS5828M
SLASEX7 – JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com