Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 48Page - Texas Instruments TAS5828M Datasheet HTML 49Page - Texas Instruments TAS5828M Datasheet HTML 50Page - Texas Instruments TAS5828M Datasheet HTML 51Page - Texas Instruments TAS5828M Datasheet HTML 52Page - Texas Instruments TAS5828M Datasheet HTML 53Page - Texas Instruments TAS5828M Datasheet HTML 54Page - Texas Instruments TAS5828M Datasheet HTML 55Page - Texas Instruments TAS5828M Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
Table 8-42. GPIO_OUT_INV Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
GPIO_OUT
R/W
000
bit0: GPIO0 output invert
bit1: GPIO1 output invert
bit2: GPIO2 output invert
8.6.1.34 DIE_ID Register (Offset = 67h) [reset = 95h]
DIE_ID is shown in Figure 8-46 and described in Table 8-43.
Return to Table 8-8.
Figure 8-46. DIE_ID Register
7
6
5
4
3
2
1
0
DIE_ID
R
Table 8-43. DIE_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DIE_ID
R
10010101
DIE ID
8.6.1.35 POWER_STATE Register (Offset = 68h) [reset = 0x00]
POWER_STATE is shown in Figure 8-47 and described in Table 8-44.
Return to Table 8-8.
Figure 8-47. POWER_STATE Register
7
6
5
4
3
2
1
0
STATE_RPT
R
Table 8-44. POWER_STATE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
STATE_RPT
R
00000000
0: Deep sleep
1: Seep
2: HIZ
3: Play
Others: reserved
8.6.1.36 AUTOMUTE_STATE Register (Offset = 69h) [reset = 0x00]
AUTOMUTE_STATE is shown in Figure 8-48 and described in Table 8-45.
Return to Table 8-8.
Figure 8-48. AUTOMUTE_STATE Register
7
6
5
4
3
2
1
0
RESERVED
ZERO_RIGHT_
MON
ZERO_LEFT_M
ON
R
R
R
TAS5828M
SLASEX7 – JUNE 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com