Electronic Components Datasheet Search
  English  ▼

X  

RCMC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCMC
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Metal Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMC Datasheet(HTML) 4 Page - Vishay Siliconix

  RCMC Datasheet HTML 1Page - Vishay Siliconix RCMC Datasheet HTML 2Page - Vishay Siliconix RCMC Datasheet HTML 3Page - Vishay Siliconix RCMC Datasheet HTML 4Page - Vishay Siliconix RCMC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RCMC
www.vishay.com
Vishay MCB
Revision: 16-Mar-2020
4
Document Number: 32510
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS
• Electrical terminals: M5
• Other terminal size
•Output cable
ORDERING INFORMATION
RCMC
500
HV
10
10 %
XXX
BO15
MODEL
STYLE
TERMINALS
RESISTANCE VALUE
TOLERANCE
CUSTOM DESIGN
PACKAGING
± 10 %
Optional
On request:
special value,
shape, M5
terminals, etc.
GLOBAL PART NUMBER INFORMATION
R
C
M
C
5
0
0
H
V
1
5R
0K
B
12
3
4
5
6
12
34
56
GLOBAL
MODEL
LEADS
(if applicable)
OHMIC VALUE
TOLERANCE
PACKAGING
INDUSTRIALIZATION
NUMBER
RCMC 500
Standard (no digit)
HV
L
The first three digits
are significant
figures and the last
specifies the
number of zeros to
follow, R designates
decimal point.
10R0 = 10
K = 10 %
B = box
(24 pcs for standard,
and L
15 pcs for HV)
3 specific digits
(if applicable)
EXAMPLES
MODEL
DESCRIPTION
PART NUMBER
RCMC 500
RCMC 500 HV 15U 10 % BO15
RCMC500HV15R0KB
RCMC 500
RCMC 500 18U 10 % 983 BO15
RCMC50018R0KB983



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com