Electronic Components Datasheet Search
  English  ▼

X  

RCMC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMC
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Metal Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMC Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMC Datasheet HTML 1Page - Vishay Siliconix RCMC Datasheet HTML 2Page - Vishay Siliconix RCMC Datasheet HTML 3Page - Vishay Siliconix RCMC Datasheet HTML 4Page - Vishay Siliconix RCMC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RCMC
www.vishay.com
Vishay MCB
Revision: 16-Mar-2020
2
Document Number: 32510
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The higher of either value
ENERGY ABSORPTION
Repetitive operation: 25 J/t = 50 μs
Accidental operation: 100 J/t = 50 μs / 100 impulsions max.
Other t values: contact us
DIMENSIONS in millimeters
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES
Momentary overload
1000 W / 10 s
2 %
0.2 %
Humidity (steady state)
56 days, 40 °C, 95 % HR
2 % or 0.05
(1)
0.2 %
Mechanical shock
CEI 61373 cat 1 class B half sinus
50 m/s2 / 30 ms
6 per axis (3 negative and 3 positive)
insul. > 103 M
0.25 %
Vibration
CEI 61373 cat 1 class B random
5 Hz to 150 Hz 7.9 m/s2
5 h per axis
0.5 % or 0.05
(1)
0.25 %
Terminals strength
200 Ncm / 200 N
0.5 % or 0.05
(1)
0.1 %
Endurance
2000 cycles Pn 30 min / 30 min
1 % or 0.05
(1)
0.2 %
67
57 ± 0.2
Ø 8
60 ± 0.3
34 ± 0.2
L/Standard
24
HV
2 x screw M4*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com