Electronic Components Datasheet Search
  English  ▼

X  

RCMC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCMC
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Metal Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMC Datasheet(HTML) 3 Page - Vishay Siliconix

  RCMC Datasheet HTML 1Page - Vishay Siliconix RCMC Datasheet HTML 2Page - Vishay Siliconix RCMC Datasheet HTML 3Page - Vishay Siliconix RCMC Datasheet HTML 4Page - Vishay Siliconix RCMC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCMC
www.vishay.com
Vishay MCB
Revision: 16-Mar-2020
3
Document Number: 32510
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISSIPATION
Temperature Rise as a Function of the Power Applied
Overall Thermal Resistance 0.18 °C/W (See Assembly)
Permanent Applicate Power as a Function
of Heatsink Temperature
ASSEMBLY
Screws and bolts are supplied with each product.
Max. tightening torque:
200 Ncm, mechanical mounting
200 Ncm, electrical connection
2 screws TH M4 x 6/6 and 2 M4 contact lock washers for connections. 2 off CHC M4 x 16/16 class 8.
COOLING
The temperature of the heatsink may be maintained at the specified values with
• Forced air ventilation
• Internal circulation of a liquid cooling
• Heatsink contact surface: Ra 6.3 μm
• Evenness defect: 0.05 mm max.
• Surface temperature gradient (isotherm): 20 °C max.
• Thermal compound not supplied (resistance < 0.025 °C/W / 0.05 mm)
The user must select the thermal resistance of the heatsink according to the power applied
10
100
1000
10000
0
30
60
90
120
150
180
0
250
500
750
1000
Axis Title
P (W)
Δθ = f (P)
10
100
1000
10000
0
100
200
300
400
500
600
700
800
0
255075
100
125
150
175
Axis Title
θ (°C)
P = f (
θ)
P
n
57
±
0.2
M4 min. depth 5
Thermal compound
resistance ≤ 0.05 °C/W / 0.025 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com