Electronic Components Datasheet Search
  English  ▼

X  

PCK210BD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK210BD
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210BD Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK210BD Datasheet HTML 1Page - NXP Semiconductors PCK210BD Datasheet HTML 2Page - NXP Semiconductors PCK210BD Datasheet HTML 3Page - NXP Semiconductors PCK210BD Datasheet HTML 4Page - NXP Semiconductors PCK210BD Datasheet HTML 5Page - NXP Semiconductors PCK210BD Datasheet HTML 6Page - NXP Semiconductors PCK210BD Datasheet HTML 7Page - NXP Semiconductors PCK210BD Datasheet HTML 8Page - NXP Semiconductors PCK210BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product data
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
2004 Apr 23
4
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
–0.3
+4.6
V
VI
Input voltage
–0.3
VCC + 0.3
V
IIN
Input current
–
±20
mA
Tstg
Storage temperature range
–40
+125
°C
ESDHBM
Electrostatic discharge (Human Body Model; 1.5 k
Ω, 100 pF)
–
>1750
V
ESDMM
Electrostatic discharge (Machine Model; 0 k
Ω, 100 pF)
–
>200
V
ESDCDM
Electrostatic discharge (Charge Device Model)
–
>1000
V
NOTE:
1. Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
2.25
3.8
V
VIR
Receiver input voltage
VEE
VCC
V
VDIFF
Input differential voltage1
V(CLKinN)–V(CLKin)
—
1.00
V
Tamb
Operating ambient temperature range in free air
–40
+85
°C
NOTE:
1. To idle an unused differential clock input, connect one input terminal (e.g. CLK1) to VBB and leave its complimentary input terminal
(e.g. CLK1) open-circuit, in which case CLK1 will default LOW by its internal pull-down reistor. Inputs should not be shorted to ground or
VCC.
THERMAL CHARACTERISTICS
Proper thermal management is critical for reliable system operation. This is especially true for high fan-out and high drive capability products.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com