Electronic Components Datasheet Search
  English  ▼

X  

PCK210BD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK210BD
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210BD Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK210BD Datasheet HTML 1Page - NXP Semiconductors PCK210BD Datasheet HTML 2Page - NXP Semiconductors PCK210BD Datasheet HTML 3Page - NXP Semiconductors PCK210BD Datasheet HTML 4Page - NXP Semiconductors PCK210BD Datasheet HTML 5Page - NXP Semiconductors PCK210BD Datasheet HTML 6Page - NXP Semiconductors PCK210BD Datasheet HTML 7Page - NXP Semiconductors PCK210BD Datasheet HTML 8Page - NXP Semiconductors PCK210BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product data
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
2004 Apr 23
5
DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = VCCO = 0.0 V; VEE = –2.25 V to –3.80 V.
SYMBOL
PARAMETER
CONDITIONS
–40
°C
+25
°C
+85
°C
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
IEE
Internal supply current
Absolute value of current
20
80
20
85
30
90
mA
ICC
Output and internal
supply current
All outputs terminated
50
Ω to VCC – 2.0 V
270
390
270
395
270
405
mA
IIN
Input current
Includes pull-up/pull-down
resistors
–
150
–
150
–
150
µA
VBB
Internally generated bias
voltage
for VEE = –2.25 V to –3.8 V
–1.38
–1.16
–1.38
–1.16
–1.38
–1.16
V
VPP
Input amplitude
Difference of input
≈ VIH – VIL (Note 1)
0.5
1.3
0.5
1.3
0.5
1.3
V
VCMR
Common mode voltage
Crosspoint of input
≈ average (VIH, VIL)
VEE + 1.0
–0.3
VEE + 1.0
–0.3
VEE + 1.0
–0.3
V
VOH
HIGH-level output voltage
IOH = –30 mA
–1.30
–0.95
–
–
–1.20
–0.85
V
VOL
LOW-level output voltage
IOL = –5 mA
–1.85
–1.40
–
–
–1.90
–1.50
V
VOUTpp
Differential output swing
350
–
–
–
500
–
mV
DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = VCCO = 2.25 V to 3.80 V; VEE = 0.0 V.
SYMBOL
PARAMETER
CONDITIONS
–40
°C
+25
°C
+85
°C
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
IEE
Internal supply current
Absolute value of
current
20
80
20
85
30
90
mA
ICC
Output and internal
supply current
All outputs terminated
50
Ω to VCC – 2.0 V
270
390
270
395
270
405
mA
IIN
Input current
Includes pull-up/
pull-down resistors
–
150
–
150
–
150
µA
VBB
Internally generated
bias voltage
VCC = 2.25 V to 3.8 V
VCC – 1.38
VCC – 1.16
VCC – 1.38
VCC – 1.16
VCC – 1.38
VCC – 1.16
V
VPP
Input amplitude
Difference of input
≈ VIH – VIL (Note 1)
0.5
1.3
0.5
1.3
0.5
1.3
V
VCMR
Common mode
voltage
Crosspoint of input
≈ average (VIH, VIL)
1
VCC – 0.3
1
VCC – 0.3
1
VCC – 0.3
V
VOH
HIGH-level output
voltage
IOH = –30 mA
VCC – 1.30
VCC – 0.95
–
–
VCC – 1.20
VCC – 0.85
V
VOL
LOW-level output
voltage
IOL = –5 mA
VCC – 1.85
VCC – 1.40
–
–
VCC – 1.90
VCC – 1.50
V
VOUTpp
Differential output
swing
350
–
–
–
500
–
mV
NOTE:
1. VPP minimum and maximum required to maintain AC specifications. Actual device function will tolerate minimum VPP of 100 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com