Electronic Components Datasheet Search
  English  ▼

X  

PCK210BD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK210BD
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210BD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK210BD Datasheet HTML 2Page - NXP Semiconductors PCK210BD Datasheet HTML 3Page - NXP Semiconductors PCK210BD Datasheet HTML 4Page - NXP Semiconductors PCK210BD Datasheet HTML 5Page - NXP Semiconductors PCK210BD Datasheet HTML 6Page - NXP Semiconductors PCK210BD Datasheet HTML 7Page - NXP Semiconductors PCK210BD Datasheet HTML 8Page - NXP Semiconductors PCK210BD Datasheet HTML 9Page - NXP Semiconductors PCK210BD Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product data
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
2004 Apr 23
9
REVISION HISTORY
Rev
Date
Description
_3
20040423
Product data (9397 750 13083). Supersedes data of 2002 Dec 13 (9397 750 10866).
Modifications:
• Add Part type PCK210BS, HVQFN32 package option (SOT617-1).
• Change temperature range in Ordering information table on page 2 from “–40 to +70 °C” to “–40 °C to +85 °C”.
_2
20021213
Product data (9397 750 10866); ECN 853-2336 29225 of 22 November 2002.
• NOTE: date shown on cover (2002 Nov 13) is incorrect. It should be “2002 Dec 13” as shown on all other pages
and this Revision history table.
_1
20020411
Product data (9397 750 09657); ECN 853-2336 27995 of 11 April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com