Electronic Components Datasheet Search
  English  ▼

X  

WFP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WFP
Description  Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WFP Datasheet(HTML) 1 Page - Vishay Siliconix

  WFP Datasheet HTML 1Page - Vishay Siliconix WFP Datasheet HTML 2Page - Vishay Siliconix WFP Datasheet HTML 3Page - Vishay Siliconix WFP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WFP
www.vishay.com
Vishay Dale
Revision: 26-Jan-2021
1
Document Number: 30394
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Plate™ Current Sense Resistors,
Low Value (2 m
Ω to 8 mΩ), Hybrid Mount, High Power
LINKS TO ADDITIONAL RESOURCES
FEATURES
• 3939 size package with Kelvin terminals
• Ideal for all types of current sensing and pulse
applications including switching and linear
power supplies, instruments, power amplifiers,
shunts,
and
high
power
current
sensing
modules
• Proprietary processing technique produces low
resistance values (2 m
Ω to 8 mΩ)
• Solid metal manganese-copper and nickel-
chromium alloy resistive element with low TCR
(< 30 ppm/°C)
• Max. solder temperature up to 280 °C / 30 s or
250 °C / 5 min
• Very low inductance < 10 nH
• Finishes available for wire bonding, sintering, and
soldering (backside);
Electroless Nickel Immersion Gold (ENIG)
• Low thermal EMF (< 2 μV/°C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
Note
(1) Terminal temperature
Notes
• Resistance values available per WSL decade values (www.vishay.com/doc?30117)
(1) Packaging code: EB (lead (Pb)-free) is a non-standard packaging code designating 500 piece reels. This non-standard packaging code is
identical to our standard EA (lead (Pb)-free), except that it has a package quantity of 500 pieces
333
DDD3 D
3D Models
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING (1)
W
TOLERANCE
%
RESISTANCE
VALUE RANGE
Ω
WEIGHT
(typical)
g/1000 pieces
WFPA3939
3939
20 at 120 °C
± 1.0, ± 5.0
0.002 to 0.005
437
WFPB3939
3939
20 at 120 °C
± 1.0, ± 5.0
0.0051 to 0.008
437
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: WFPA39392L000FEA
GLOBAL
MODEL
(3 digits)
ELEMENT
MATERIAL
(1 digit)
CASE SIZE
(4 digits)
RESISTANCE
VALUE
(5 digits)
TOLERANCE
CODE
(1 digit)
PACKAGING
CODE (1)
(2 digits)
SPECIAL
(2 digits)
WFP
A = CuMn
B = NiCrAl
3939
L = m
Ω*
R = decimal
2L000 = 0.002
Ω
R0100 = 0.01
Ω
* Use “L” for
resistance
values < 0.01
Ω
F = ± 1.0 %
J = ± 5.0 %
EA =
lead (Pb)-free,
tape / reel
EK =
lead (Pb)-free,
bulk
Dash numbers
1 thru 99
as applicable
F
P
A
3
9
3
9
2
L
0
0
0
F
E
A
W


Similar Part No. - WFP

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFP10N60 WISDOM-WFP10N60 Datasheet
1Mb / 6P
600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFP10N60 WINSEMI-WFP10N60 Datasheet
623Kb / 7P
Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFP10N60 VBSEMI-WFP10N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Shenzhen Winsemi Microe...
WFP10N65 WINSEMI-WFP10N65 Datasheet
801Kb / 7P
Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFP10N65 VBSEMI-WFP10N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - WFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS101 VISHAY-VCS101 Datasheet
78Kb / 2P
Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
25-Jun-07
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
602SJR00300E-T OHMITE-602SJR00300E-T Datasheet
176Kb / 2P
Surface Mount Metal Plate Current Sense
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
logo
Vishay Siliconix
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
Power Metal Strip Resistors, High Power Low Value, Surface Mount
09-Sep-11
logo
KOA Speer Electronics, ...
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
60S OHMITE-60S Datasheet
331Kb / 2P
Surface Mount Metal Plate Current Sense
logo
Vishay Siliconix
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
13-May-2020
WFM VISHAY-WFM_V01 Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
04-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com