Electronic Components Datasheet Search
  English  ▼

X  

WFP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WFP
Description  Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WFP Datasheet(HTML) 3 Page - Vishay Siliconix

  WFP Datasheet HTML 1Page - Vishay Siliconix WFP Datasheet HTML 2Page - Vishay Siliconix WFP Datasheet HTML 3Page - Vishay Siliconix WFP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WFP
www.vishay.com
Vishay Dale
Revision: 26-Jan-2021
3
Document Number: 30394
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
Notes
• Embossed carrier tape per EIA-481
(1) Additional packaging details at www.vishay.com/doc?20051
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
TYPICAL PERFORMANCE
ALLOY A
CuMn
ALLOY B
NiCr
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
± 0.65 %
± 0.1 %
Short time overload
2 x rated power, 5 s
± 0.5 %
± 0.05 %
± 0.05 %
Low temperature storage
-55 °C for 45 min
± 0.1 %
± 0.1 %
± 0.1 %
High temperature exposure
1000 h at +170 °C
± 1.0 %
± 0.6 %
± 0.1 %
Bias humidity
+85 °C, 85 % RH, 10 % power, 1000 h
± 0.5 %
± 0.2 %
± 0.1 %
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.2 %
± 0.05 %
± 0.05 %
Vibration
Frequency varied, 10 Hz to 2000 Hz in 1 min,
3 directions, 12 h
± 0.2 %
± 0.05 %
± 0.05 %
Load life
1000 h at 125 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
± 0.8 %
± 0.1 %
Resistance to solder heat
MIL-STD-202, method 210, test condition K
± 0.3 %
± 0.2 %
± 0.05 %
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.3 %
± 0.05 %
± 0.05 %
PACKAGING (1)
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WFPA3939
WFPB3939
16 mm / embossed plastic
330 mm / 13"
3000
EA
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080 100 120 140 160 180
Axis Title
Terminal Temperature (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com