Electronic Components Datasheet Search
  English  ▼

X  

WFP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WFP
Description  Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WFP Datasheet(HTML) 2 Page - Vishay Siliconix

  WFP Datasheet HTML 1Page - Vishay Siliconix WFP Datasheet HTML 2Page - Vishay Siliconix WFP Datasheet HTML 3Page - Vishay Siliconix WFP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WFP
www.vishay.com
Vishay Dale
Revision: 26-Jan-2021
2
Document Number: 30394
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
• Thermal resistance (°C/W): < 2.5 °C/W
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
3939 RESISTOR CHARACTERISTICS
Temperature coefficient (20 °C to 60 °C)
(complete resistor)
ppm/°C
± 75
Temperature coefficient (20 °C to 60 °C)
(only element material)
ppm/°C
± 30
Operating temperature range
°C
-65 to +170
Dielectric withstanding
VAC
100
Maximum working voltage
V
(P x R)1/2
Maximum terminal temperature
°C
120
MATERIAL
MIN.
(μm)
MAX.
(μm)
Backside finish
Au
0.05
0.15
Ni
3.1
6.1
Top side termination
Au
0.05
0.15
Ni
3.1
6.1
Cu (reference only)
50
Ni (WFMB only)
< 0.01
0.012 (0.30)
0.030 (0.75)
0.279 (7.09)
0.09
(2.29)
0.122
(3.10)
0.025 (0.64)
0.071 (1.80)
0.071 (1.80)
0.394 (10.01)
0.270 (6.86)
0.025 (0.64)
0.099
(2.52)
0.053
(1.36)
0.270 (6.86)
0.075 (1.90)
0.075 (1.90)
0.075 (1.90)
0.410 (10.41)
0.410 (10.41)
Solder pads
Bond area
Bond connections
0.394 (10.01)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com