Electronic Components Datasheet Search
  English  ▼

X  

VNPC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VNPC
Description  Vitreous Wirewound Power Resistor, Flat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VNPC Datasheet(HTML) 4 Page - Vishay Siliconix

  VNPC Datasheet HTML 1Page - Vishay Siliconix VNPC Datasheet HTML 2Page - Vishay Siliconix VNPC Datasheet HTML 3Page - Vishay Siliconix VNPC Datasheet HTML 4Page - Vishay Siliconix VNPC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VNPC
www.vishay.com
Vishay MCB
Revision: 08-Aug-16
4
Document Number: 32505
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS (Consult us)
- Other values than E12 series
ORDERING INFORMATION
VNPC
30
A
120U
± 5 %
XXX
BO40
MODEL
STYLE
NON-INDUCTIVE WINDING
RESISTANCE VALUE
TOLERANCE
CUSTOM DESIGN
PACKAGING
Optional
± 5 %
± 10 %
Other on request
Optional
On request:
special value,
tolerance,
terminals, etc.
GLOBAL PART NUMBER INFORMATION
V
N
P
C
0
9
0
A
10
R
0
J
B
89
9
1
2
345
6
7
12
3
4
5
6
7
PRODUCT
TYPE
TYPE
OPTION
(if applicable)
RESISTANCE
VALUE
TOLERANCE
PACKAGING
INDUSTRIALIZATION
NUMBER
VNPC
030
050
090
120
150
A =
non-inductive
winding
The first three digits
are significant
figures and the last
specifies the number
of zeros to follow,
R designates
decimal point.
4702 = 47 k
47R0 = 47
J = 5 %
K = 10 %
B = box
Box quantity
depends of
model and size
3 specific digits
(if applicable)
EXAMPLES
MODEL
DESCRIPTION
PART NUMBER
VNPC
VNPC 90 A 10U 5 % 899 BO40
VNPC090A10R0JB899
VNPC
VNPC 30 12U 5 % BO40
VNPC03012R0JB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com