Electronic Components Datasheet Search
  English  ▼

X  

VNPC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VNPC
Description  Vitreous Wirewound Power Resistor, Flat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VNPC Datasheet(HTML) 3 Page - Vishay Siliconix

  VNPC Datasheet HTML 1Page - Vishay Siliconix VNPC Datasheet HTML 2Page - Vishay Siliconix VNPC Datasheet HTML 3Page - Vishay Siliconix VNPC Datasheet HTML 4Page - Vishay Siliconix VNPC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VNPC
www.vishay.com
Vishay MCB
Revision: 08-Aug-16
3
Document Number: 32505
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The higher of either value.
DISSIPATION
Power PW as a Function of Surface Temperature
P(W) = f (Temperature Surface)
Derating in Power as a Function
of Ambient Temperature
OVERLOADS
Intermittent Overloads
Exceptional Operation
Initial Temperature < 70 °C
k x Pn = f(t)
PERMISSIBLE ENERGY
Repetitive Operation
Energy as a Function of Rn
Pulse Duration < 100 ms
E = f(R)
PERFORMANCES
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES
Overloads
10 Pn (temp. nom.), 5 s
2 % or 0.05
(1)
0.4 %
Climatic
-55 °C, 5 cycles, +200 °C
3 % or 0.05
(1)
Collar insulated
> 102 M
0.2 %
Damp heat
56 days 95 % HR
2 % or 0.05
(1)
0.1 %
Thermal shocks
Pn -55 °C
2 % or 0.05
(1)
0.2 %
Shocks
Severity 50 A
0.5 % or 0.05
(1)
0.25 %
Vibrations
Severity 55/10
0.5 % or 0.05
(1)
0.25 %
Strength of terminals
Collar 40 N
1 % or 0.05
(1)
0.1 %
Endurance
500 cycles Pn
90 min / 30 min
5 %
1 %
10
100
1000
10000
0
25
50
75
100
0
50 100 150 200 250 300 350 400 450 500
Axis Title
θ (°C)
P
n
P
θ
amb = 25 °C
θ
n
10
100
1000
10000
0
50
100
0
50 100 150 200 250 300 350 400 450 500
Axis Title
θ
amb (°C)
10
100
1000
10000
0
5
10
15
20
25
0.1
1
10
100
1000
Axis Title
t (s)
10
100
1000
10000
0
125
250
1
10
100
1K
10K
100K
1M
Axis Title
R (
Ω)
Curve 1: VNPC 150
Curve 2: VNPC 120
Curve 3: VNPC 90
Curve 4: VNPC 50
Curve 5: VNPC 30
1
2
3
4
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com