Electronic Components Datasheet Search
  English  ▼

X  

VNPC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VNPC
Description  Vitreous Wirewound Power Resistor, Flat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VNPC Datasheet(HTML) 1 Page - Vishay Siliconix

  VNPC Datasheet HTML 1Page - Vishay Siliconix VNPC Datasheet HTML 2Page - Vishay Siliconix VNPC Datasheet HTML 3Page - Vishay Siliconix VNPC Datasheet HTML 4Page - Vishay Siliconix VNPC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VNPC
www.vishay.com
Vishay MCB
Revision: 08-Aug-16
1
Document Number: 32505
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vitreous Wirewound Power Resistor, Flat
FEATURES
• High dissipation
• Reduced space
• Embedded collars
• Insulated mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
W
RESISTANCE RANGE
TOLERANCE
± %
ULIM.
V
MIL-R-26-D
VNPC 150
150
4.7 to 100K
5
1500
RW 24 V
VNPC 120
120
3.9 to 68K
5
1250
-
VNPC 90
90
2.7 to 47K
5
1000
RW 22 V
VNPC 50
50
1.8 to 22K
5
600
-
VNPC 30
30
1.0 to 8.2K
5
400
RW 20 V
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
75 ppm/°C (typical)
Operating temperature range
°C
-55 to +450
GENERAL CHARACTERISTICS
Core
Ceramic
Winding
NiCr alloy
Coating
Vitreous enamel
Ohmic values
E12
Insulated mounting (Z)
On request


Similar Part No. - VNPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1997
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
367Kb / 11P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Rev 6
VNP10N06FI STMICROELECTRONICS-VNP10N06FI Datasheet
168Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
12-Dec-2008
VNP10N06 STMICROELECTRONICS-VNP10N06_V01 Datasheet
367Kb / 11P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Rev 6
VNP10N07 STMICROELECTRONICS-VNP10N07 Datasheet
134Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Apr-1996
More results

Similar Description - VNPC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
13-Oct-16
FVT VISHAY-FVT Datasheet
144Kb / 6P
Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
03-Jun-16
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
VNC VISHAY-VNC Datasheet
97Kb / 5P
Vitreous Wirewound Power Resistors
08-Aug-16
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com